Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H97B Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # H97B
Description  897.5MHz SAW Filter 24MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

H97B Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  H97B Datasheet HTML 1Page - SIPAT Co,Ltd H97B Datasheet HTML 2Page - SIPAT Co,Ltd H97B Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBT89702
Rev. Date
2011-03-15
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
897.5MHz SAW Filter
24MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT89702
Features
For RF SAW filter
Single-ended operation
Ceramic Surface Mount Package
Small size
No matching required for operation at 50Ω
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
897.5
-
Insertion Loss(885.5~909.5MHz)
dB
-
1.4
2.5
Passband Variation(885.5~909.5MHz)
dB
-
0.6
1
VSWR(885.5~909.5MHz)
-
-
1.8
2
Ultimate Rejection(930.5~954.5MHz)
dB
20
28
-
Material Temperature coefficient
KHz/°C
-28.7
Substrate Material
-
42LT
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SMD3.0*3.0
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - H97B

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
H971-M3 GILWAY-H971-M3 Datasheet
764Kb / 2P
4mm Base Lampholders
H973 GILWAY-H973 Datasheet
764Kb / 2P
4mm Base Lampholders
H977-395A GILWAY-H977-395A Datasheet
764Kb / 2P
4mm Base Lampholders
logo
Guangdong Huixin Electr...
H97N20HW HUIXIN-H97N20HW Datasheet
646Kb / 6P
200V SGT N-Channel MOSFET
H97N8HDC HUIXIN-H97N8HDC Datasheet
868Kb / 6P
80V Single N-Channel MOSFET
More results

Similar Description - H97B

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09009 SIPAT-LBN09009 Datasheet
137Kb / 3P
90MHz SAW Filter 24MHz Bandwidth
LBN16041 SIPAT-LBN16041 Datasheet
138Kb / 3P
160MHz SAW Filter 24MHz Bandwidth
LBT89803 SIPAT-LBT89803 Datasheet
175Kb / 3P
897.5MHz SAW Filter 35MHz Bandwidth
LBT89805 SIPAT-LBT89805 Datasheet
179Kb / 3P
897.5MHz SAW Filter 35MHz Bandwidth
LBT89806 SIPAT-LBT89806 Datasheet
170Kb / 3P
897.5MHz SAW Filter 24MHz Bandwidth
LBT89702 SIPAT-LBT89702 Datasheet
173Kb / 3P
897.5MHz SAW Filter 24MHz Bandwidth
LBT89803 SIPAT-LBT89803 Datasheet
175Kb / 3P
897.5MHz SAW Filter 35MHz Bandwidth
LBT89805 SIPAT-LBT89805 Datasheet
179Kb / 3P
897.5MHz SAW Filter 35MHz Bandwidth
LBT89806 SIPAT-LBT89806 Datasheet
170Kb / 3P
897.5MHz SAW Filter 24MHz Bandwidth
LBT89807 SIPAT-LBT89807 Datasheet
313Kb / 3P
897.5MHz SAW Filter 35MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com