Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I42A Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # I42A
Description  942.5MHz SAW Filter 24MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

I42A Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  I42A Datasheet HTML 1Page - SIPAT Co,Ltd I42A Datasheet HTML 2Page - SIPAT Co,Ltd I42A Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBT94201
Rev. Date
2011-03-15
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
942.5MHz SAW Filter
24MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBT94201
Typical Performance
Frequency Response
Passband Response
800
850
900
950
1000
1050
-90.8821
-80.8821
-70.8821
-60.8821
-50.8821
-40.8821
-30.8821
-20.8821
-10.8821
-0.8821
9.1179
Type Performance
Frequency(MHz)
900
910
920
930
940
950
960
970
980
-3.3821
-2.8821
-2.3821
-1.8821
-1.3821
-0.8821
-0.3821
0.1179
0.6179
Type Performance
Frequency(MHz)
Horizontal: 50MHz/Div
Vertical: 10dB/Div
Horizontal: 10MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(930.5~954.5MHz)
Phase Linearity(930.5~954.5MHz)
920
930
940
950
960
970
-30
-20
-10
0
10
20
30
40
50
60
X: 930.4
Y: 16.23
Type Performance
Frequency(MHz)
X: 954.6
Y: 15.85
920
930
940
950
960
970
-20
-15
-10
-5
0
5
10
15
20
X: 954.6
Y: -1.018
Type Performance
Frequency(MHz)
X: 930.4
Y: 2.444
Horizontal: 10MHz/Div
Vertical: 10ns/Div
Horizontal: 10MHz/Div
Vertical: 5deg/Div
VSWR11(930.5~954.5MHz)
VSWR22(930.5~954.5MHz)
900
920
940
960
980
1000
0.5
1
1.5
2
2.5
3
X: 930.4
Y: 1.209
Type Performance (VSWR1)
Frequency(MHz)
X: 954.6
Y: 1.182
900
920
940
960
980
1000
0.5
1
1.5
2
2.5
3
X: 930.4
Y: 1.214
Type Performance (VSWR2)
Frequency(MHz)
X: 954.6
Y: 1.215



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com