Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F03 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT68F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F03 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT68F03 Datasheet HTML 10Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 11Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 12Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 13Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 14Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 15Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 16Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 17Page - Holtek Semiconductor Inc HT68F03 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 147 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IDD5
Operating Current (LXT),
(fSYS=fL=fLXT,fS=fSUB=fLXT)
3V
No load, ADC off,
WDT enable, QOSC=0
¾
10
20
mA
5V
¾
30
50
mA
3V
No load, ADC off,
WDT enable, QOSC=1
¾
10
20
mA
5V
¾
40
60
mA
IDD6
Operating Current (LIRC),
(fSYS=fL=fLIRC,fS=fSUB=fLIRC)
3V
No load, ADC off,
WDT enable
¾
10
20
mA
5V
¾
30
50
mA
IDD7
Operating Current (RTC),
(fSYS=fL=fLXT,fS=fSUB=fLIRC)
3V
No load, ADC off,
WDT enable, QOSC=0
¾
10
20
mA
5V
¾
40
60
mA
ISTB1
Standby Current (Idle) (HXT),
(fSYS=fH,fS=fSUB=fLIRC)
3V
No load, system HALT,
ADC off, WDT enable,
fSYS=12MHz
¾
0.6
1.0
mA
5V
¾
1.2
2.0
mA
ISTB2
Standby Current (Idle) (HXT),
(fSYS=off, fS=fSYS/4)
3V
No load, system HALT,
ADC off, WDT enable,
fSYS=12MHz
¾
1.3
3.0
mA
5V
¾
2.2
5.0
mA
ISTB3
Standby Current (Idle) (HXT),
(fSYS=off, fS=fSUB=fLIRC)
3V
No load, system HALT,
ADC off, WDT enable,
fSYS=12MHz
¾
1.3
3.0
mA
5V
¾
2.2
5.0
mA
ISTB4
Standby Current (Idle) (HXT),
(fSYS=off, fS=fSUB=fLIRC)
3V
No load, system HALT,
ADC off, WDT enable,
fSYS=12MHz
¾
1.3
3.0
mA
5V
¾
2.2
5.0
mA
ISTB5
Standby Current (Idle) (HXT),
(fSYS=fL,fS=fSUB=fLIRC)
3V
No load, system HALT,
ADC off, WDT enable,
fSYS=12MHz/64
¾
0.6
0.9
mA
5V
¾
1.3
2.0
mA
ISTB6
Standby Current (Idle) (HXT),
(fSYS=off, fS=fSUB=fLIRC)
3V
No load, system HALT,
ADC off, WDT enable,
fSYS=12MHz/64
¾
1.3
3.0
mA
5V
¾
2.2
5.0
mA
ISTB7
Standby Current (Idle) (LXT),
(fSYS=fL=fLXT,fS=fSUB=fLXT)
3V
No load, system HALT,
ADC off, WDT enable,
fSYS=32768Hz
¾
510
mA
5V
¾
16
32
mA
ISTB8
Standby Current (Idle) (HXT),
(fSYS=off, fS=fSYS/4)
3V
No load, system HALT,
ADC off, WDT enable,
fSYS=32768Hz
¾
510
mA
5V
¾
16
32
mA
ISTB9
Standby Current (Idle) (LXT),
(fSYS=off, fS=fSUB=fLXT)
3V
No load, system HALT,
ADC off, WDT enable,
fSYS=32768Hz
¾
510
mA
5V
¾
16
32
mA
ISTB10
Standby Current (Idle) (LIRC),
(fSYS=off, fS=fSUB=fLIRC)
3V
No load, system HALT,
ADC off, WDT enable,
fSYS=32kHz
¾
1.3
3.0
mA
5V
¾
2.2
5.0
mA
ISTB11
Standby Current (Idle) (LXT),
(fSYS=off, fS=fSUB=fLIRC)
3V
No load, system HALT,
ADC off, WDT enable,
fSYS=32768Hz
¾
1.3
3.0
mA
5V
¾
2.2
5.0
mA
ISTB12
Standby Current (Sleep) (HXT),
(fSYS=off, fS=fSUB=fLIRC)
3V
No load, system HALT,
ADC off, WDT disable,
fSYS=12MHz
¾
0.1
1.0
mA
5V
¾
0.3
2.0
mA
ISTB13
Standby Current (Sleep) (HXT),
(fSYS=off, fS=fSUB=fLIRC)
3V
No load, system HALT,
ADC off, WDT enable,
fSYS=12MHz
¾
1.3
5.0
mA
5V
¾
2.2
10.0
mA
ISTB14
Standby Current (Sleep) (LXT),
(fSYS=off, fS=fSUB=fLXT or fLIRC)
3V
No load, system HALT,
ADC off, WDT disable,
fSYS=32768Hz
¾
0.1
1.0
mA
5V
¾
0.3
2.0
mA
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.30
14
February 17, 2011
Ta=25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com