Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP233 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SP233
Description  233MHz SAW Filter 0.5MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP233 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SP233 Datasheet HTML 1Page - SIPAT Co,Ltd SP233 Datasheet HTML 2Page - SIPAT Co,Ltd SP233 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SP233
Rev. Date
2009-02-11
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.1
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
233MHz SAW Filter
0.5MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: SP233
Typical Performance
Frequency Respond
Passband Respond
229
230
231
232
233
234
235
236
237
238
-95.3779
-85.3779
-75.3779
-65.3779
-55.3779
-45.3779
-35.3779
-25.3779
-15.3779
-5.3779
Type Performance
Frequency(MHz)
232.2
232.4
232.6
232.8
233
233.2
233.4
233.6
233.8
234
-17.8779
-17.3779
-16.8779
-16.3779
-15.8779
-15.3779
-14.8779
-14.3779
-13.8779
Type Performance
Frequency(MHz)
Horizontal: 1MHz/Div
Vertical: 10dB/Div
Horizontal: 0.2MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±0.2MHz)
Phase Linearity(f0±0.2MHz)
232.2
232.4
232.6
232.8
233
233.2
233.4
233.6
233.8
234
400
600
800
1000
1200
1400
1600
1800
2000
2200
X: 233.1
Y: 1260
Type Performance
Frequency(MHz)
X: 233.3
Y: 1406
X: 232.9
Y: 1306
232.2
232.4
232.6
232.8
233
233.2
233.4
233.6
233.8
234
-25
-20
-15
-10
-5
0
5
10
15
20
X: 233.1
Y: -0.1158
Type Performance
Frequency(MHz)
X: 233.3
Y: -1.678
X: 232.9
Y: -1.038
Horizontal: 0.2MHz/Div
Vertical: 200ns/Div
Horizontal: 0.2MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com