Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT331 Datasheet(PDF) 20 Page - BeRex Corporation

Part # BT331
Description  700-2700 MHz 1.5~2.0W Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT331 Datasheet(HTML) 20 Page - BeRex Corporation

Back Button BT331 Datasheet HTML 12Page - BeRex Corporation BT331 Datasheet HTML 13Page - BeRex Corporation BT331 Datasheet HTML 14Page - BeRex Corporation BT331 Datasheet HTML 15Page - BeRex Corporation BT331 Datasheet HTML 16Page - BeRex Corporation BT331 Datasheet HTML 17Page - BeRex Corporation BT331 Datasheet HTML 18Page - BeRex Corporation BT331 Datasheet HTML 19Page - BeRex Corporation BT331 Datasheet HTML 20Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
Suggested PCB Land Pattern and PAD Layout
PCB Land Pattern
PCB Mounting
Note : All dimension are in millimeters
PCB lay out _ on BeRex website
700-2700 MHz 1.5~2.0W Power Amplifier
BT331
Lead plating finish
100% Tin Matte finish
(All BeRex products undergoes a 1 hour, 150 degree C, Anneal bake to eliminate
thin whisker growth concerns.)
MSL / ESD Rating
ESD Rating:
Value:
Test:
Standard:
MSL Rating:
Standard:
Class 2
Passes <4000V
Human Body Model (HBM)
JEDEC Standard JESD22-A114B
Level 3 at +265°C convection reflow
JEDEC Standard J-STD-020
NATO CAGE code:
2
N
9
6
F
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com