Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZT3090LE Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CZT3090LE
Description  ENHANCED SPECIFICATION SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT3090LE Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CZT3090LE Datasheet HTML 1Page - Central Semiconductor Corp CZT3090LE Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZT3090LE
ENHANCED SPECIFICATION
SURFACE MOUNT
LOW VCE(SAT) NPN
SILICON POWER TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT3090LE is an
Enhanced Specification Low VCE(SAT) NPN Silicon
Power Transistor packaged in an industry standard
SOT-223 case. High Collector Current, coupled with a
Low Saturation Voltage, make this an excellent choice
for industrial and consumer applications where electrical
and thermal operational efficiency are top priorities.
MARKING: FULL PART NUMBER
APPLICATIONS:
• Power Management / DC-DC Converters
• Portable and Battery Powered Products
• LAN Equipment / Motor Controllers
FEATURES:
• Low VCE(SAT) NPN Transitor
• High Current (IC=3.0A MAX)
• VCE(SAT)=0.155V TYP @ IC=3.0A
• SOT-223 Surface Mount Package
• Complementary PNP device: CZT7090LE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
3.0
A
Peak Collector Current
ICM
5.0
A
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=50V
50
nA
IEBO
VEB=5.0V
50
nA
BVCBO
IC=100μA
60
V
BVCEO
IC=10mA
50
V
BVEBO
IE=10µA
6.0
V
VCE(SAT)
IC=100mA, IB=1.0mA
37
50
mV
VCE(SAT)
IC=1.0A, IB=20mA
66
100
mV
VCE(SAT)
IC=2.0A, IB=200mA
77
150
mV
VCE(SAT)
IC=3.0A, IB=60mA
155
250
mV
hFE
VCE=2.0V, IC=500mA
300
hFE
VCE=2.0V, IC=1.0A
300
hFE
VCE=2.0V, IC=3.0A
150
174
Cob
VCB=10V, IE=0, f=1.0MHz
25
pF
fT
VCE=10V, IC=500mA
100
MHz
♦
♦ Enhanced Specification
♦
♦
♦
♦
♦
♦
♦
♦
♦
♦
♦
SOT-223 CASE
SOT-223 CASE
R1 (1-March 2010)
www.centra lsemi.com


Similar Part No. - CZT3090LE

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZT3090LE CENTRAL-CZT3090LE_15 Datasheet
542Kb / 2P
SILICON POWER TRANSISTOR
More results

Similar Description - CZT3090LE

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT3090L CENTRAL-CMPT3090L Datasheet
106Kb / 2P
SURFACE MOUNT LOW VCE(SAT) NPN POWER TRANSISTOR
CMPT3410 CENTRAL-CMPT3410 Datasheet
116Kb / 2P
SURFACE MOUNT NPN SILICON LOW VCE (SAT) TRANSISTOR
logo
Advanced Analogic Techn...
CXT3090L ANALOGICTECH-CXT3090L Datasheet
81Kb / 2P
SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT3090L CENTRAL-CZT3090L Datasheet
76Kb / 2P
SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
CMPT3090L CENTRAL-CMPT3090L_10 Datasheet
463Kb / 2P
SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
CMPT3410 CENTRAL-CMPT3410_10 Datasheet
393Kb / 2P
SURFACE MOUNT LOW VCE(SAT) NPN SILICON TRANSISTOR
CXT3090L CENTRAL-CXT3090L Datasheet
360Kb / 2P
SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
CZT3090L CENTRAL-CZT3090L_10 Datasheet
603Kb / 2P
SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
CZT7090LE CENTRAL-CZT7090LE Datasheet
542Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT LOW VCE(SAT) PNP SILICON POWER TRANSISTOR
CMXT3090L CENTRAL-CMXT3090L Datasheet
419Kb / 2P
SURFACE MOUNT LOW VCE(SAT) NPN SILICON POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com