Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1382 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT1382
Description  I2C/3-Wire Real Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1382 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT1382 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 18Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 19Page - Holtek Semiconductor Inc HT1382 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
I
2C Serial Interface
The HT1382 includes an I
2C serial interface. The I2C bus is used for bidirectional, two-line
communication between multiple I
2C devices. The two lines of the interface are the serial data line
(SDA) and the serial clock line (SCL).Both lines are connected to the positive supply via a pull-up
resistor externally.
When the bus is free, both lines will be high. The output stages of the devices connected to the bus
must have open-drain or open-collector output types to implement the wired-AND function necessary
for connection. Data transfer is initiated only when the bus is not busy.
Data Validity
The data on the SDA line must be stable during the HIGH period of the clock. The HIGH or LOW state
of the data line can only change when the clock signal on the SCL line is LOW.
START and STOP Conditions
A HIGH to LOW transition on the SDA line while SCL is HIGH defines a START condition. A LOW
to HIGH transition on the SDA line while SCL is HIGH defines a STOP condition. START and STOP
conditions are always generated by the master. The bus is considered to be busy after the START
condition. The bus is considered to be free again a certain time after the STOP condition. The bus stays
busy if a repeated START(Sr) is generated instead of a STOP condition. In this respect, a START(S)
and repeated START(Sr) conditions are functionally identical.
Byte Format
Every byte put on the SDA line must be 8-bits long. The number of bytes that can be transmitted per
transfer is unrestricted. Each byte has to be followed by an acknowledge bit. Data is transferred with
the most significant bit (MSB) first.
Rev. 1.20
16
March 8, 2011
HT1382
I2C/3-Wire Real Time Clock
SDA
SCL
Data line stable;
data valid
Change of data
allowed
P
S
SDA
SCL
SDA
SCL
START condition
STOP condition
S
or
Sr
P
or
Sr
SDA
SCL
12
78
9
ACK
12
3-8
9
ACK
P
Sr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com