Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8F120C Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 8F120C
Description  FAST RECOVER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

8F120C Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  8F120C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 8F120C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 8F120C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 8F120C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 8F120C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R
8F120C
版本:
201008A
2/5
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃)
项
目
Parameter
符
号
Symbol
数
值
Value
单
位
Unit
最大反向重复峰值电压
Repetitive peak reverse voltage
VRRM
1200
V
正向平均整流电流
Average forward
current
T
B
C
B
=100℃
(TO-220C2L)
IF(AV)
8
A
峰值单脉冲浪涌电流
Peak one Cycle Surge Forward
Current(Non-Repetitive) t=10ms
IFSM
150
A
结温
Junction Temperature
Tj
-55~+150
℃
储存温度
Storage temperature range
TSTG
-55~+150
℃
电特性 ELECTRICAL CHARACTERISTICS (Tc=25℃ unless otherwise specified)
热特性 THERMAL CHARACTERISTICS
项
目
Parameter
符
号
Symbol
最小值
Value(min)
最大值
Value(max)
单
位
Unit
结到管壳的热阻
Thermal resistance from
junction to case
TO-220C2L
Rth(j-c)
3.0
℃
/W
项
目
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
VRRM
IR =50μA
1200
V
Tj =25℃
50
μA
IR
Tj =125℃
VR=VRRM
200
μA
Tj =25℃
2.1
3.5
V
VF
Tj =125℃
IF=8A
1.8
3.2
V
IF=1A, VR=30V, diF/dt=-200A/μs
35
50
ns
Tj =25℃
90
ns
trr
Tj =125℃
IF=8A
VR=100V
diF/dt=-200A/μs
150
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com