Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10F60C Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 10F60C
Description  FAST RECOVER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

10F60C Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  10F60C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本:
201103A
1/5
快恢复二极管
FAST RECOVER DIODE
10F60HF/10F60C
订 货 型 号
Order codes
Marking
Package
Packaging
器件重量
Device Weight
10F60HF
10F60HF
TO-220HF2L
条管
Tube
1.70 g(typ)
10F60C
10F60C
TO-220C2L
条管
Tube
2.15 g(typ)
封装 Package
产品特性
低功耗,高效率
高可靠性
环保(
RoHS)产品
FEATURES
Low power loss, high efficiency
High reliability
RoHS product
TO-22OHF2L
订货信息 ORDER MESSAGE
主要参数
MAIN
CHARACTERISTICS
IF(AV)
10A
VRRM
600 V
Tj(max)
175℃
VF(typ)
1.20V
trr(typ)
35ns
TO-22OC2L
APPLICATIONS
Active power factor correction
Switch power supply
用途
有源功率校正电路
开关电源


Similar Part No. - 10F60C

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
10F60H2 SHINDENGEN-10F60H2 Datasheet
181Kb / 4P
Power MOSFET
logo
JILIN SINO-MICROELECTRO...
10F60HF3 JSMC-10F60HF3 Datasheet
290Kb / 5P
FAST RECOVER DIODE
logo
Thinki Semiconductor Co...
10F60HF3 THINKISEMI-10F60HF3 Datasheet
270Kb / 2P
10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
10F60HF3S THINKISEMI-10F60HF3S Datasheet
268Kb / 2P
10.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
logo
JILIN SINO-MICROELECTRO...
10F60S3 JSMC-10F60S3 Datasheet
241Kb / 5P
FAST RECOVER DIODE
More results

Similar Description - 10F60C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
5F40HF JSMC-5F40HF Datasheet
231Kb / 5P
FAST RECOVER DIODE
5F60D JSMC-5F60D Datasheet
237Kb / 5P
FAST RECOVER DIODE
10F40HF JSMC-10F40HF Datasheet
230Kb / 5P
FAST RECOVER DIODE
10F40HF3S JSMC-10F40HF3S Datasheet
277Kb / 5P
FAST RECOVER DIODE
10F60UHF JSMC-10F60UHF Datasheet
254Kb / 6P
FAST RECOVER DIODE
12F60UHF JSMC-12F60UHF Datasheet
284Kb / 6P
FAST RECOVER DIODE
20F60HF3 JSMC-20F60HF3 Datasheet
455Kb / 5P
Fast Recover Diode
60F30SAB3 JSMC-60F30SAB3 Datasheet
410Kb / 5P
FAST RECOVER DIODE
60F60W JSMC-60F60W Datasheet
254Kb / 6P
FAST RECOVER DIODE
75F120W JSMC-75F120W Datasheet
220Kb / 5P
FAST RECOVER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com