Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9050 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP9050
Description  PROTECTION INTERFACE for PMICs with INTEGRATED OVP CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9050 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP9050 Datasheet HTML 1Page - Diodes Incorporated AP9050 Datasheet HTML 2Page - Diodes Incorporated AP9050 Datasheet HTML 3Page - Diodes Incorporated AP9050 Datasheet HTML 4Page - Diodes Incorporated AP9050 Datasheet HTML 5Page - Diodes Incorporated AP9050 Datasheet HTML 6Page - Diodes Incorporated AP9050 Datasheet HTML 7Page - Diodes Incorporated AP9050 Datasheet HTML 8Page - Diodes Incorporated AP9050 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP9050
PROTECTION INTERFACE for PMICs with
INTEGRATED OVP CONTROL
AP9050
Document number: DS35283 Rev. 1 - 2
5 of 9
www.diodes.com
March 2011
© Diodes Incorporated
Typical Performance Characteristics
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100
125
150
Junction Temperature (ºC)
VGS=4.5V
ID=2A
Figure 3. RDS(ON) variation over junction temperature
0
2
4
6
8
10
12
14
16
18
20
012
345
Drain-Source Voltage (V)
VGS=1.5V
VGS=2V
VGS=2.5V
VGS=3V
VGS=10V
Figure 4. RDS(ON) Characteristics
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
-50
-25
0
25
50
75
100
125
150
Junction Temperature (ºC)
Figure 5. Output voltage variation over junction temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com