Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # LM358
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM358 Datasheet(HTML) 4 Page - Diodes Incorporated

  LM358 Datasheet HTML 1Page - Diodes Incorporated LM358 Datasheet HTML 2Page - Diodes Incorporated LM358 Datasheet HTML 3Page - Diodes Incorporated LM358 Datasheet HTML 4Page - Diodes Incorporated LM358 Datasheet HTML 5Page - Diodes Incorporated LM358 Datasheet HTML 6Page - Diodes Incorporated LM358 Datasheet HTML 7Page - Diodes Incorporated LM358 Datasheet HTML 8Page - Diodes Incorporated LM358 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LM358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
LM358
Document number: DS35167 Rev. 2 - 2
4 of 14
www.diodes.com
February 2011
© Diodes Incorporated
Typical Single-Supply Circuit (Continued) (V
+
=5.0VDC)
+
-
+
-
+
-
+V
IN
C
1μF
2N929*
*hi β AT 100 nA
2I
B
R
IM
I
B
3R
3M
0.001μF
I
B
2I
B
I
B
I
B
Z
IN
(POLYCARBONATE OR
POLYETHYLENE)
HIGH Z
IN
LOW Z
OUT
V
O
Z
OUT
AUX AMP
IN PUT CURRENT
COMPENSATION
Low Drift Peak Detector
+
-
+
-
+
-
+V
IN
C
1μF
2N929*
*hi β AT 100 nA
2I
B
R
IM
I
B
3R
3M
0.001μF
I
B
2I
B
I
B
I
B
Z
IN
(POLYCARBONATE OR
POLYETHYLENE)
HIGH Z
IN
LOW Z
OUT
V
O
Z
OUT
AUX AMP
IN PUT CURRENT
COMPENSATION
Low Drift Peak Detector
Pulse Generator
+
-
VO
30K
V
+
R1
0.01
R3
100K
R4
100K
R5
100K
+
0
IN914
R2
150K
μF
Pulse Generator
+
-
VO
30K
V
+
R1
0.01
R3
100K
R4
100K
R5
100K
+
0
IN914
R2
150K
μF
High Compliance Current Sink
-
+
+V
IN
R
L
10
I
O
I
O =0.1 amp / volt VIN
(increase R
E
for I
O
small)
High Compliance Current Sink
-
+
+V
IN
R
L
10
I
O
I
O =0.1 amp / volt VIN
(increase R
E
for I
O
small)
+
-
+
-
0.05μF
+V
C *
OUTPUT1
Voltage Controlled Oscillator (VCO)
51K
51K
R/2
50K
R
100K
10K
100K
V+/2 51K
OUTPUT2
*WIDE CONTROL VOLTAGE RANGE: 0 V
DC <VC <2 (V
+ -1.5V
DC )
+
-
+
-
0.05μF
+V
C *
OUTPUT1
Voltage Controlled Oscillator (VCO)
51K
51K
R/2
50K
R
100K
10K
100K
V+/2 51K
OUTPUT2
*WIDE CONTROL VOLTAGE RANGE: 0 V
DC <VC <2 (V
+ -1.5V
DC )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com