Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCT1107 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXCT1107
Description  LOW POWER HIGH-SIDE CURRENT MONITORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1107 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXCT1107 Datasheet HTML 1Page - Diodes Incorporated ZXCT1107 Datasheet HTML 2Page - Diodes Incorporated ZXCT1107 Datasheet HTML 3Page - Diodes Incorporated ZXCT1107 Datasheet HTML 4Page - Diodes Incorporated ZXCT1107 Datasheet HTML 5Page - Diodes Incorporated ZXCT1107 Datasheet HTML 6Page - Diodes Incorporated ZXCT1107 Datasheet HTML 7Page - Diodes Incorporated ZXCT1107 Datasheet HTML 8Page - Diodes Incorporated ZXCT1107 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ZXCT1107/1109/1110
LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1107/1109/1110
Document number: DS35033 Rev. 1 - 2
1 of 17
www.diodes.com
MARCH 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Description
The ZXCT1107/09/10 are high side unipolar current sense
monitors. These devices eliminate the need to disrupt the
ground plane when sensing a load current.
The wide common-mode input voltage range and low
quiescent current coupled with SOT23 packages make
them suitable for a range of applications; including
adapters, automotive and systems operating from industrial
24V rails.
The device is line powered and as such doesn’t need a
separate supply rail.
Quiescent current is only 3µA thereby minimising current
sensing error. One external gain setting resistor increases
versatility by permitting wide gain ranges.
Features
•
Wide supply and common-mode voltage range:
2.5V to 36V
•
SOT23 packages
o
3-pin
ZXCT1107/09
o
5-pin
ZXCT1110
•
Low quiescent current (3µA).
•
Extended industrial temperature range -40 to 125°C
•
AEC-Q100 Grade1 Automotive qualified variants
Applications
•
Automotive current measurement
•
Industrial applications current measurement
•
Battery management
•
Over current monitor
•
Power Management
Pin Assignments
ZXCT1107
Top View
OUT
1
2
S-
3
S+
OUT
1
2
S-
3
S+
ZXCT1109
Top View
OUT
1
2 S+
3
S-
OUT
1
2 S+
3
S-
ZXCT1110
Top View
GND
2
5
S-
4
S+
NC
1
OUT
3
GND
2
5
S-
4
S+
NC
1
OUT
3
Typical Application Circuit


Similar Part No. - ZXCT1107

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCT1107 DIODES-ZXCT1107 Datasheet
341Kb / 16P
LOW POWER HIGH-SIDE CURRENT MONITORS
Rev 3
ZXCT1107 DIODES-ZXCT1107 Datasheet
263Kb / 2P
Low power high side current monitors
MARCH 2011
ZXCT1107Q DIODES-ZXCT1107Q Datasheet
620Kb / 17P
AUTOMOTIVE COMPLIANT MICROPOWER CURRENT MONITOR
Rev 3
ZXCT1107QSA-7 DIODES-ZXCT1107QSA-7 Datasheet
620Kb / 17P
AUTOMOTIVE COMPLIANT MICROPOWER CURRENT MONITOR
Rev 3
ZXCT1107SA-7 DIODES-ZXCT1107SA-7 Datasheet
341Kb / 16P
LOW POWER HIGH-SIDE CURRENT MONITORS
Rev 3
More results

Similar Description - ZXCT1107

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210 Datasheet
620Kb / 32P
High-Side Power and Current Monitors
Rev 0; 6/04
MAX4004 MAXIM-MAX4004 Datasheet
241Kb / 10P
High-Accuracy, High-Side Current Monitors in SOT23
Rev 1; 5/03
logo
Diodes Incorporated
ZXCT1082 DIODES-ZXCT1082 Datasheet
309Kb / 13P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
DS32162 Rev. 1 - 2
ZXCT1107_1107 DIODES-ZXCT1107_1107 Datasheet
341Kb / 16P
LOW POWER HIGH-SIDE CURRENT MONITORS
Rev 3
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210_05 Datasheet
676Kb / 32P
High-Side Power and Current Monitors
Rev 1; 5/05
logo
Diodes Incorporated
ZXCT1087E5TA DIODES-ZXCT1087E5TA Datasheet
306Kb / 13P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
Rev 2
ZXCT11 DIODES-ZXCT11 Datasheet
263Kb / 2P
Low power high side current monitors
MARCH 2011
ZXCT1084E5TA DIODES-ZXCT1084E5TA Datasheet
307Kb / 14P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
Rev 2
logo
Maxim Integrated Produc...
MAX4004 MAXIM-MAX4004_V01 Datasheet
1Mb / 11P
High-Accuracy, High-Side Current Monitors in SOT23
2015
logo
Diodes Incorporated
ZXCT1082Q DIODES-ZXCT1082Q Datasheet
500Kb / 13P
AUTOMOTIVE GRADE PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
April 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com