Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECH8501 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ECH8501
Description  PNP/NPN Epitaxial Planar Silicon Transistors Gate Drive Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8501 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ECH8501 Datasheet HTML 1Page - Sanyo Semicon Device ECH8501 Datasheet HTML 2Page - Sanyo Semicon Device ECH8501 Datasheet HTML 3Page - Sanyo Semicon Device ECH8501 Datasheet HTML 4Page - Sanyo Semicon Device ECH8501 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ECH8501
No. A1581-2/5
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)30V, IE=0A
(--)0.1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)0.1
μA
DC Current Gain
hFE
VCE=(--)2V, IC=(--)500mA
200
560
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)500mA
(260)280
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(49)32
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)2.5A, IB=(--)125mA
(--100)75
(--170)110
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)2.5A, IB=(--)125mA
(--)0.85
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--30)40
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)30
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
(37)30
ns
Storage Time
tstg
See specified Test Circuit.
(147)220
ns
Fall Time
tf
See specified Test Circuit.
(14)12
ns
Note : The specifications shown above are for each individual transistor.
Switching Time Test Circuit
VR
RB
VCC=12V
VBE= --5V
+
+
50Ω
INPUT
Vout
RL
100μF
470μF
PW=20μs
IB1
D.C.≤1%
IB2
IC=20IB1= --20IB2=2.5A
(For PNP, the polarity is reversed.)
0
0
--1.0
--0.5
IC -- VCE
IT15618
--3.0
--2.0
--4.0
--5.0
--2.5
--1.5
--3.5
--4.5
--0.1
--0.3
--0.2
--0.4
--0.5
IB=0mA
--2mA
--4mA
--6mA
--8mA
--10mA
--40mA
--50mA
--30mA
--20mA
[PNP]
IC -- VCE
IT15619
[NPN]
0
0
1.0
0.5
3.0
2.0
4.0
5.0
2.5
1.5
3.5
4.5
0.1
0.3
0.2
0.4
0.5
IB=0mA
2mA
4mA
6mA
8mA
10mA
40mA
30mA
20mA
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com