Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3301T Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP3301T
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3301T Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP3301T Datasheet HTML 7Page - Microchip Technology MCP3301T Datasheet HTML 8Page - Microchip Technology MCP3301T Datasheet HTML 9Page - Microchip Technology MCP3301T Datasheet HTML 10Page - Microchip Technology MCP3301T Datasheet HTML 11Page - Microchip Technology MCP3301T Datasheet HTML 12Page - Microchip Technology MCP3301T Datasheet HTML 13Page - Microchip Technology MCP3301T Datasheet HTML 14Page - Microchip Technology MCP3301T Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
 2011 Microchip Technology Inc.
DS21700D-page 11
MCP3301
Note: Unless otherwise indicated, VDD = VREF = 5V, Full differential input configuration, VSS = 0V, FSAMPLE = 100 ksps,
FCLK = 17*FSAMPLE, TA = 25°C.
FIGURE 2-25:
IREF vs. VDD.
FIGURE 2-26:
IREF vs. Sample Rate.
FIGURE 2-27:
IREF vs. Temperature.
FIGURE 2-28:
IDDS vs. VDD.
FIGURE 2-29:
IDDS vs. Temperature.
FIGURE 2-30:
Negative Gain Error vs.
Reference Voltage.
0
20
40
60
80
100
120
22.5
3
3.544.5
5
5.5
6
VDD (V)
30
40
50
60
70
80
90
100
0
10
20
30
0
50
100
150
200
Sample Rate (ksps)
72 4
72.6
72.8
73
73.2
73.4
73.6
73.8
71.8
72
72.2
72.4
-50
0
50
100
150
Temperature (°C)
0
10
20
30
40
50
60
70
80
22.533.544.555.5
6
VDD (V)
0.001
0.01
0.1
1
10
100
-50
-25
0
255075
100
Temperature (°C)
2
3
4
5
6
7
8
-1
0
1
0
123
45
6
V
REF (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com