Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6441 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6441
Description  450 nA, 9 kHz Op Amp No Phase Reversal Analog Active Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6441 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6441 Datasheet HTML 12Page - Microchip Technology MCP6441 Datasheet HTML 13Page - Microchip Technology MCP6441 Datasheet HTML 14Page - Microchip Technology MCP6441 Datasheet HTML 15Page - Microchip Technology MCP6441 Datasheet HTML 16Page - Microchip Technology MCP6441 Datasheet HTML 17Page - Microchip Technology MCP6441 Datasheet HTML 18Page - Microchip Technology MCP6441 Datasheet HTML 19Page - Microchip Technology MCP6441 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
MCP6441/2/4
DS22257B-page 16
© 2011 Microchip Technology Inc.
4.6.2
PRECISION HALF-WAVE
RECTIFIER
The precision half-wave rectifier, which is also known
as a super diode, is a configuration obtained with an
operational amplifier in order to have a circuit behaving
like an ideal diode and rectifier. It effectively cancels the
forward voltage drop of the diode in such way that very
low level signals can still be rectified, with minimal
error. This can be useful for high-precision signal
processing. The MCP6441/2/4 op amp has high input
impedance, low input bias current and rail-to-rail
input/output, which makes this device suitable for
precision rectifier applications.
Figure 4-8 shows a precision half-wave rectifier and its
transfer characteristic. The rectifier’s input impedance
is determined by the input resistor R1. To avoid the
loading effect, it must be driven from a low-impedance
source.
When VIN is greater than zero, D1 is OFF, D2 is ON, and
VOUT is zero. When VIN is less than zero, D1 is ON, D2
is OFF, and VOUT is the VIN with an amplification of
-R2/R1.
The rectifier circuit shown in Figure 4-8 has the benefit
that the op amp never goes in saturation, so the only
thing
affecting
its
frequency
response
is
the
amplification and the gain bandwidth product.
.
FIGURE 4-8:
Precision Half-Wave
Rectifier.
4.6.3
INSTRUMENTATION AMPLIFIER
The MCP6441/2/4 op amp is well suited for condition-
ing sensor signals in battery-powered applications.
Figure 4-9 shows a two op amp instrumentation
amplifier, using the MCP6441/2/4 device, that works
well for applications requiring rejection of Common
Mode noise at higher gains. The reference voltage
(VREF) is supplied by a low-impedance source. In sin-
gle supply applications, VREF is typically VDD/2.
FIGURE 4-9:
Two Op Amp
Instrumentation Amplifier.
VOUT
R2
D1
D2
R1
VIN
VOUT
VIN
-R2/R1
Transfer Characteristic
Precision Half-Wave Rectifier
MCP6441
V
OUT
V
1
V
2
–
() 1
R
1
R
2
------
2R
1
R
G
---------
++
⎝⎠
⎛⎞
V
REF
+
=
VREF R1
R2
R2
R1
VOUT
RG
V2
V1
1/2 MCP6442
1/2 MCP6442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com