Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6444 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6444
Description  450 nA, 9 kHz Op Amp No Phase Reversal Analog Active Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6444 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6444 Datasheet HTML 1Page - Microchip Technology MCP6444 Datasheet HTML 2Page - Microchip Technology MCP6444 Datasheet HTML 3Page - Microchip Technology MCP6444 Datasheet HTML 4Page - Microchip Technology MCP6444 Datasheet HTML 5Page - Microchip Technology MCP6444 Datasheet HTML 6Page - Microchip Technology MCP6444 Datasheet HTML 7Page - Microchip Technology MCP6444 Datasheet HTML 8Page - Microchip Technology MCP6444 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
© 2011 Microchip Technology Inc.
DS22257B-page 1
MCP6441/2/4
Features:
• Low Quiescent Current: 450 nA (typical)
• Gain Bandwidth Product: 9 kHz (typical)
• Supply Voltage Range: 1.4V to 6.0V
• Rail-to-Rail Input and Output
• Unity Gain Stable
• Slew Rate: 3V/ms (typical)
• Extended Temperature Range: -40°C to +125°C
• No Phase Reversal
• Small Packages
Applications:
• Portable Equipment
• Battery Powered System
• Data Acquisition Equipment
• Sensor Conditioning
• Battery Current Sensing
• Analog Active Filters
Design Aids:
• SPICE Macro Models
•FilterLab® Software
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Description:
The MCP6441/2/4 device is a single nanopower
operational
amplifier
(op
amp),
which
has
low
quiescent current (450 nA, typical) and rail-to-rail input
and output operation. This op amp is unity gain stable
and has a gain bandwidth product of 9 kHz (typical).
These devices operate with a single supply voltage as
low as 1.4V. These features make the family of op
amps well suited for single-supply, battery-powered
applications.
The MCP6441/2/4 op amp is designed with Microchip’s
advanced CMOS process and offered in single
(MCP6441), dual (MCP6442), and quad (MCP6444)
configurations. All devices are available in the
extended temperature range, with a power supply
range of 1.4V to 6.0V.
Typical Application
Package Types
VDD
IDD
100 k
Ω
1M
Ω
1.4V
VOUT
Battery Current Sensing
10
Ω
to
6.0V
I
DD
V
DD
V
OUT
–
10 V/V
() 10
Ω
()
⋅
------------------------------------------
=
To load
MCP6441
5
4
1
2
3
VDD
VIN–
VIN+
VSS
VOUT
SC70-5, SOT-23-5
MCP6441
5
1
2
3
VDD
VIN–
VIN+
VSS
VOUTA
SOIC, MSOP
SOIC, TSSOP
MCP6442
MCP6444
8
7
6
VOUTB
4
VINB+
VINA–
5
1
2
3
VDD
VIND+
VIN+
VSS
VOUTA
8
7
6
VOUTC
4
VINB+
VINA–
9
10
14
12
11
13
VINB–
VOUTB
VINC–
VINC+
VIND–
VOUTD
450 nA, 9 kHz Op Amp


Similar Part No. - MCP6444

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6444 MICROCHIP-MCP6444 Datasheet
2Mb / 46P
450 nA, 9 kHz Op Amp
11/29/11
More results

Similar Description - MCP6444

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
450 V/us, Precision, Current-Feedback Op Amp
REV.C
logo
Maxim Integrated Produc...
MAX4526 MAXIM-MAX4526 Datasheet
111Kb / 12P
Phase-Reversal Analog Switches
Rev 0; 12/96
MAX4528 MAXIM-MAX4528 Datasheet
152Kb / 12P
Low-Voltage, Phase-Reversal Analog Switch
Rev 0; 1/98
logo
Microchip Technology
MCP6281 MICROCHIP-MCP6281 Datasheet
580Kb / 32P
450 UA, 5 MHz Rail-to-Rail Op Amp
2004
logo
Oscilent Corporation
730-450-AW OSCILENT-730-450-AW Datasheet
138Kb / 2P
450 KHz 6 Element
733-450-AU OSCILENT-733-450-AU Datasheet
137Kb / 2P
450 KHz 4 Element
logo
Microchip Technology
MCP6441 MICROCHIP-MCP6441 Datasheet
635Kb / 30P
450 nA, 9 kHz Op Amp
2010
MCP6421 MICROCHIP-MCP6421 Datasheet
2Mb / 34P
4.4 關A, 90 kHz Op Amp
2013
MCP6441 MICROCHIP-MCP6441_12 Datasheet
2Mb / 46P
450 nA, 9 kHz Op Amp
11/29/11
logo
Analog Devices
AD846 AD-AD846_15 Datasheet
311Kb / 12P
450 V/ms, Precision, Current-Feedback Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com