Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6V27 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6V27
Description  620 關A, 2 MHz Auto-Zeroed Op Amps
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V27 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6V27 Datasheet HTML 5Page - Microchip Technology MCP6V27 Datasheet HTML 6Page - Microchip Technology MCP6V27 Datasheet HTML 7Page - Microchip Technology MCP6V27 Datasheet HTML 8Page - Microchip Technology MCP6V27 Datasheet HTML 9Page - Microchip Technology MCP6V27 Datasheet HTML 10Page - Microchip Technology MCP6V27 Datasheet HTML 11Page - Microchip Technology MCP6V27 Datasheet HTML 12Page - Microchip Technology MCP6V27 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
© 2011 Microchip Technology Inc.
DS25007A-page 9
MCP6V27
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.3V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =10kΩ to VL and CL = 60 pF.
FIGURE 2-13:
DC Open-Loop Gain vs.
Ambient Temperature.
FIGURE 2-14:
Input Bias and Offset
Currents vs. Common Mode Input Voltage with
TA = +85°C.
FIGURE 2-15:
Input Bias and Offset
Currents vs. Common Mode Input Voltage with
TA = +125°C.
FIGURE 2-16:
Input Bias and Offset
Currents vs. Ambient Temperature with
VDD =+5.5V.
FIGURE 2-17:
Input Bias Current vs. Input
Voltage (below VSS).
120
125
130
135
140
145
150
155
160
-50
-25
0
255075
100
125
Ambient Temperature (°C)
VDD = 5.5V
VDD = 2.3V
-100
-50
0
50
100
150
200
Common Mode Input Voltage (V)
IB
TA = +85°C
VDD = 5.5V
IOS
-400
-200
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Common Mode Input Voltage (V)
IB
TA = +125°C
VDD = 5.5V
IOS
1
10
100
1,000
10,000
25
35
45
55 65
75
85 95 105 115 125
Ambient Temperature (°C)
VDD = 5.5V
-IOS
IB
1p
10p
100p
1n
10n
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
Input Voltage (V)
+125°C
+85°C
+25°C
-40°C
10m
1m
100µ
10µ
1µ
100n
10n
1n
100p
10p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com