Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP7940N Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP7940N
Description  Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP7940N Datasheet HTML 28Page - Microchip Technology MCP7940N Datasheet HTML 29Page - Microchip Technology MCP7940N Datasheet HTML 30Page - Microchip Technology MCP7940N Datasheet HTML 31Page - Microchip Technology MCP7940N Datasheet HTML 32Page - Microchip Technology MCP7940N Datasheet HTML 33Page - Microchip Technology MCP7940N Datasheet HTML 34Page - Microchip Technology MCP7940N Datasheet HTML 35Page - Microchip Technology MCP7940N Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
 2011 Microchip Technology Inc.
DS25010A-page 33
MCP7940N
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Not every possible ordering
combination is listed below.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP7940N =
1.8V - 5.5V I2C™ Serial RTCC
MCP7940NT=
1.8V - 5.5V I2C Serial RTCC
(Tape and Reel)
MCP7940N =
1.8V - 5.5V I2C Serial RTCC
MCP7940NT=
1.8V - 5.5V I2C Serial RTCC,
(Tape and Reel)
MCP7940N =
1.8V - 5.5V I2C Serial RTCC
MCP7940NT=
1.8V - 5.5V I2C Serial RTCC
(Tape and Reel)
Temperature
Range:
I
=
-40°C to +85°C
Package:
SN
=
8-Lead Plastic Small Outline (3.90 mm body)
ST
=
8-Lead Plastic Thin Shrink Small Outline
(4.4 mm)
MS
=
8-Lead Plastic Micro Small Outline
MNY(1) =
8-Lead Plastic Dual Flat, No Lead
Examples:
a)
MCP7940N-I/SN:
Industrial
Tempera-
ture, SOIC package.
b)
MCP7940NT-I/SN: Industrial Tempera-
ture, SOIC package, Tape and Reel.
c)
MCP7940NT-I/MNY: Industrial Tempera-
ture, TDFN package.
d)
MCP7940N-I/SN:
Industrial
Tempera-
ture, SOIC package.
e)
MCP7940N-I/MS:
Industrial
Tempera-
ture MSOP package.
f)
MCP7940N-I/SN:
Industrial
Tempera-
ture, SOIC package.
g)
MCP7940N-I/ST: Industrial Temperature,
TSSOP package.
h)
MCP7940NT-I/ST: Industrial Temperature,
TSSOP package, Tape and Reel.
Note
1: ’Y’ indicates a Nickel Palladium Gold (NiPdAu) finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com