Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D280RFQ Datasheet(PDF) 2 Page - PETERMANN-TECHNIK

Part # D280RFQ
Description  HIGH RELIABILITY FOR LOW COST
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

D280RFQ Datasheet(HTML) 2 Page - PETERMANN-TECHNIK

  D280RFQ Datasheet HTML 1Page - PETERMANN-TECHNIK D280RFQ Datasheet HTML 2Page - PETERMANN-TECHNIK D280RFQ Datasheet HTML 3Page - PETERMANN-TECHNIK D280RFQ Datasheet HTML 4Page - PETERMANN-TECHNIK D280RFQ Datasheet HTML 5Page - PETERMANN-TECHNIK D280RFQ Datasheet HTML 6Page - PETERMANN-TECHNIK D280RFQ Datasheet HTML 7Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW-FILTER FOR CORDLESS PHONE & COMMUNICATION
dB
MHz
SAW-FILTER FOR SATELLITE-RECEIVER
dB
MHz
SAW-FILTER FOR CELLULAR PHONE / RF-STAGE SERIES
D902
902.5
25 MHz
3.5 dB
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
Other parameters and packages are available on request
Insertion Loss (dB)
Package
D45
45.36
3
f0 +1
<5
3
f0 +1
TYPE
Center Frequency
(MHz)
Band Width
SF-712
<5
SF-712
D45/48
45.36/48.36
3
f0 +1
<5
SF-915
D48
48.36
<5
F-11
D927
927.75
D903
903.75
3
f0 +-2
3
f0 +-2
<5
F-11
D886
886.0
3
f0 +-2
<4
F-11
D931
931.0
3
f0 +-2
<4
F-11
<4
F-11
<4
F-11
D914
914.0
D959
959.0
3
f0 +-2
3
f0 +-2
f0 +13.5
<21
TO-39
TYPE
Center Frequency
(MHz)
Band Width
Insertion Loss (dB)
Other parameters and packages are available on request
TYPE
Center Frequency
(MHz)
WSWR max.
Package
Application
Package
D479.5B
479.5
3
2.5
3 x 3 mm SMD
FOR PDC/EGSM
D947
947.5
25 MHz
3.5 dB
2.5
3 x 3 mm SMD
FOR GSM
2.5
3 x 3 mm SMD
FOR GSM
2.5
3 x 3 mm SMD
FOR CDMA/AMPS
D942
942.5
D836
836.5
25 MHz
3.5 dB
35 MHz
3.5 dB
Pass-Band Width Insertion Loss max.
Other parameters and packages are available on request
http://www.petermann-technik.de | info@petermann-technik.de
PETERMANN
TECHNIK
Time & Frequency Components



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com