Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-820 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VC-820
Description  CMOS Crystal Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-820 Datasheet(HTML) 1 Page - Vectron International, Inc

  VC-820 Datasheet HTML 1Page - Vectron International, Inc VC-820 Datasheet HTML 2Page - Vectron International, Inc VC-820 Datasheet HTML 3Page - Vectron International, Inc VC-820 Datasheet HTML 4Page - Vectron International, Inc VC-820 Datasheet HTML 5Page - Vectron International, Inc VC-820 Datasheet HTML 6Page - Vectron International, Inc VC-820 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VC-820
CMOS Crystal Oscillator
Vectron’s VC-820 Crystal Oscillator (XO) is a quartz stabilized square wave generator with a CMOS output. The VC-820 uses a fundamental or a 3rd
overtone crystal, oscillating in a fundamental tone, resulting in very low jitter performance, and a monolithic IC which improves reliability and
reduces cost.
CMOS output XO
•
Output Frequencies from 625kHz to 133.000 MHz
•
3.3V, 2.5 V and 1.8V Operation
•
Fundamental Oscillator with Low Jitter Performance
•
Output Disable Feature
•
-10/70°C or -40/85°C operating temperature
•
Small Industry Standard Package, 2.5x3.2.x1.0mm
•
Product is compliant to RoHS directive
•
and fully compatible with lead free assembly
Features
Applications
Block Diagram
Description
VC-820
SONET/SDH/DWDM
•
Ethernet, GE, SynchE
•
Storage Area Networking
•
Fiber Channel
•
Digital Video
•
Broadband Access
•
Base Stations, Picocells
•
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page1
V
DD
Output
Gnd
Oscillator
Crystal
E/D


Similar Part No. - VC-820

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-820 VECTRON-VC-820 Datasheet
240Kb / 7P
CMOS Crystal Oscillator
logo
Lightel Technologies IN...
VC-8200 LIGHTEL-VC-8200 Datasheet
1Mb / 4P
The one comprehensive tool for field inspection, analysis and cleaning.
logo
Vectron International, ...
VC-820 VECTRON-VC-820_12 Datasheet
240Kb / 7P
CMOS Crystal Oscillator
More results

Similar Description - VC-820

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-801-DAW-E VECTRON-VC-801-DAW-E Datasheet
211Kb / 8P
CMOS Crystal Oscillator
VL-821-EAW-FA VECTRON-VL-821-EAW-FA Datasheet
209Kb / 7P
CMOS Crystal Oscillator
VP-700-DAW-KA VECTRON-VP-700-DAW-KA Datasheet
199Kb / 6P
CMOS Crystal Oscillator
VCC1 VECTRON-VCC1_10 Datasheet
256Kb / 10P
CMOS Crystal Oscillator
VL-821 VECTRON-VL-821_11 Datasheet
198Kb / 7P
CMOS Crystal Oscillator
VC-801 VECTRON-VC-801_10 Datasheet
258Kb / 8P
CMOS Crystal Oscillator
VC-820 VECTRON-VC-820_12 Datasheet
240Kb / 7P
CMOS Crystal Oscillator
logo
Epson Company
SG-210SEH EPSON-SG-210SEH Datasheet
343Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG2016CAN EPSON-SG2016CAN Datasheet
506Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
logo
Microchip Technology
VCC1A MICROCHIP-VCC1A Datasheet
985Kb / 20P
CMOS Crystal Oscillator
Revision B March 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com