Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCJ5 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VCJ5
Description  3.3V or 2.5V Operation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCJ5 Datasheet(HTML) 4 Page - Vectron International, Inc

  VCJ5_09 Datasheet HTML 1Page - Vectron International, Inc VCJ5_09 Datasheet HTML 2Page - Vectron International, Inc VCJ5_09 Datasheet HTML 3Page - Vectron International, Inc VCJ5_09 Datasheet HTML 4Page - Vectron International, Inc VCJ5_09 Datasheet HTML 5Page - Vectron International, Inc VCJ5_09 Datasheet HTML 6Page - Vectron International, Inc VCJ5_09 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page4
Package and Pinout
Table 3. Pinout
Pin #
Symbol
Function
1
E/D or NC
Enable Disable or No Connection
2
E/D or NC
Enable Disable or No Connection
3
GND
Electrical and Lid Ground
4f
O
Output Frequency
5Cf
O
Complementary Output Frequency
6V
DD
Supply Voltage
The Enable/Disable function is set at the factory on either pin 1
or pin 2 and is an ordering option
JDUGLATN
FREQUENCY
VI YWW
1
4
3
6
2
5
Figure 4 Package
Part Number
Frequency
Date Code



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com