Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSS4 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VSS4
Description  3.3 Volt Spread Spectrum CMOS Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VSS4 Datasheet(HTML) 2 Page - Vectron International, Inc

  VSS4 Datasheet HTML 1Page - Vectron International, Inc VSS4 Datasheet HTML 2Page - Vectron International, Inc VSS4 Datasheet HTML 3Page - Vectron International, Inc VSS4 Datasheet HTML 4Page - Vectron International, Inc VSS4 Datasheet HTML 5Page - Vectron International, Inc VSS4 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VSS4 Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
Performance Characteristics
Table 1. Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency
fO
12
168
MHz
Operating Supply Voltage
1
VDD
3.135
3.3
3.465
V
Absolute Maximum Operating Voltage
-0.5
4.0
V
Supply Current, Output Enabled
12.00 to 27.999 MHz
28 to 79.999 MHz
80 to 168 MHz
IDD
13
15
30
mA
Supply Current, Output disabled
IDD
50
uA
Output Logic Levels
Output Logic High
2
Output Logic Low
2
Output Logic High Drive
Output Logic Low Drive
VOH
VOL
IOH
IOL
0.9*VDD
8
8
0.1*VDD
V
V
mA
mA
Output Rise/Fall Time
2
tR/tF
5
ns
Duty Cycle
3
SYM
40
60
%
Operating Temperature (ordering option)
-10/70 or –40/85
°C
Storage Temperature
-40
85
°C
Stability
4 (ordering option)
±50, ±100
ppm
Spread, Center or Down (ordering
option)
±0.5,±1,±2,±4
%
Cycle-Cycle Jitter, FOUT <=19.999MHz
FOUT>20MHz
200
100
ps
Output Enable/Disable
5
Output Enabled
Output Disabled
2.64
0.66
V
Internal Enable Pull-Up resistor
5
25
Kohm
Start-up time
10
ms
1. A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended.
2. Figure 3 defines these parameters. Figure 4 illustrates the operating conditions under which these parameters are tested and
specified. For Fo>90MHz, rise and fall time is measured 20 to 80%.
3. Symmetry is measured defined as On Time/Period.
4. Includes calibration tolerance, operating temperature, supply voltage variations, aging and shock and vibration (not under
operation).
5. Output will be enabled if enable/disable is left open.
Figure 2. Output Waveform
Figure 3. Typical Output Test Conditions (25
±5°C)
+
-
+
-
IC
VC
3
2
.1μF
.01
μF
15pF
4
1
IDD
VDD
V
OH
50%
V
OL
tF
tR
Period
On Time



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com