Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT-490 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VT-490
Description  Temperature Compensated Crystal Oscillator Previous Vectron Model OSC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VT-490 Datasheet(HTML) 2 Page - Vectron International, Inc

  VT-490 Datasheet HTML 1Page - Vectron International, Inc VT-490 Datasheet HTML 2Page - Vectron International, Inc VT-490 Datasheet HTML 3Page - Vectron International, Inc VT-490 Datasheet HTML 4Page - Vectron International, Inc VT-490 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page2
Performance Specifications
Table 1. Electrical Performance
Parameter
Symbol
Min.
Typ
Max
Units
Output Frequency
f
O
10
40
MHz
Supply Voltage1
V
DD
+3.0 or +5.0
V
Supply Current, 8-16.800MHz
16.801-25.9999MHz
26.000-40.000MHz
I
DD
2.0
3.0
4.0
mA
Operating Temperature, (Ordering Option)
T
OP
-20/70, -30/80, -40/85
°C
Stability Over T
OP
, (Ordering Option)
±1.5, ±2.0, ±2.5, ±5.0
ppm
Initial Accuracy, “No Adjust” Option
±1.0
ppm
Power Supply Stability, 10-16.800MHz
16.801-25.9999MHz
26.000-40.000MHz
±0.3
±0.5
±1.0
ppm
Load Stability
±0.5
ppm
Aging
±1
ppm/yr
Pull Range, 3
Mechanical Trim Only
Electrical and Mechanical Trim
Electrical Trim only
TPR
±8
±5
±8
ppm
Control Voltage to reach Pull Range, 5V
3.0V option
0.5
0.5
4.5
2.5
V
Control Voltage Impedance
100
Kohm
Output Level2,, 5V option
3.0V option
V
O
p/p
1.0
0.7
V
Output Load
10K II 10pF
Phase Noise, 10.000MHz
10Hz
100Hz
1kHz
10kHz
100kHz
-100
-123
-133
-143
-151
dBc/Hz
Start Up Time
10
ms
1. The OSC power supply pin should be filtered, eg, a 0.1 and 0.01uf capacitor
2. The Output is AC coupled
3. A special trim tool, KMTZ04, should be used to adjust the frequency
Table 2. Pinout
Pin #
Symbol
Function
1V
C
TCXO Control Voltage or Ground
2
GND
Electrical and Lid Ground
3f
o
Output Frequency
4V
DD
Supply Voltage
1.4
1.9
8.4
7.62
Outline Drawing
Recommended Pad Layout
Dimensions in mm
11.8 max
0.55
1.3±0.1
1.0±0.1
9.9 max
7.62
0.7
2.2 max



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com