Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF080B Datasheet(PDF) 8 Page - Microchip Technology

Part # SST25VF080B
Description  8 Mbit SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 8 Page - Microchip Technology

Back Button SST25VF080B_11 Datasheet HTML 4Page - Microchip Technology SST25VF080B_11 Datasheet HTML 5Page - Microchip Technology SST25VF080B_11 Datasheet HTML 6Page - Microchip Technology SST25VF080B_11 Datasheet HTML 7Page - Microchip Technology SST25VF080B_11 Datasheet HTML 8Page - Microchip Technology SST25VF080B_11 Datasheet HTML 9Page - Microchip Technology SST25VF080B_11 Datasheet HTML 10Page - Microchip Technology SST25VF080B_11 Datasheet HTML 11Page - Microchip Technology SST25VF080B_11 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
©2011 Silicon Storage Technology, Inc.
S71296-05-000
02/11
8
8 Mbit SPI Serial Flash
SST25VF080B
Data Sheet
A Microchip Technology Company
Auto Address Increment (AAI)
The Auto Address Increment Programming-Status bit provides status on whether the device is in AAI
programming mode or Byte-Program mode. The default at power up is Byte-Program mode.
Block Protection (BP3,BP2, BP1, BP0)
The Block-Protection (BP3, BP2, BP1, BP0) bits define the size of the memory area, as defined in
Table 4, to be software protected against any memory Write (Program or Erase) operation. The Write-
Status-Register (WRSR) instruction is used to program the BP3, BP2, BP1 and BP0 bits as long as
WP# is high or the Block-Protect-Lock (BPL) bit is 0. Chip-Erase can only be executed if Block-Protec-
tion bits are all 0. After power-up, BP3, BP2, BP1 and BP0 are set to 1.
Block Protection Lock-Down (BPL)
WP# pin driven low (VIL), enables the Block-Protection-Lock-Down (BPL) bit. When BPL is set to 1, it
prevents any further alteration of the BPL, BP3, BP2, BP1, and BP0 bits. When the WP# pin is driven
high (VIH), the BPL bit has no effect and its value is “Don’t Care”. After power-up, the BPL bit is reset to
0.
Table 4: Software Status Register Block Protection for SST25VF080B1
1. X = Don’t Care (RESERVED) default is “0
Protection Level
Status Register Bit2
2. Default at power-up for BP2, BP1, and BP0 is ‘111’. (All Blocks Protected)
Protected Memory Address
BP3
BP2
BP1
BP0
8 Mbit
None
X
0
0
0
None
Upper 1/16
X
0
0
1
F0000H-FFFFFH
Upper 1/8
X
0
1
0
E0000H-FFFFFH
Upper 1/4
X
0
1
1
C0000H-FFFFFH
Upper 1/2
X
1
0
0
80000H-FFFFFH
All Blocks
X
1
0
1
00000H-FFFFFH
All Blocks
X
1
1
0
00000H-FFFFFH
All Blocks
X
1
1
1
00000H-FFFFFH
T4.0 1296



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com