Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF032B Datasheet(PDF) 31 Page - Microchip Technology

Part # SST25VF032B
Description  32 Mbit SPI Serial Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF032B Datasheet(HTML) 31 Page - Microchip Technology

Back Button SST25VF032B Datasheet HTML 23Page - Microchip Technology SST25VF032B Datasheet HTML 24Page - Microchip Technology SST25VF032B Datasheet HTML 25Page - Microchip Technology SST25VF032B Datasheet HTML 26Page - Microchip Technology SST25VF032B Datasheet HTML 27Page - Microchip Technology SST25VF032B Datasheet HTML 28Page - Microchip Technology SST25VF032B Datasheet HTML 29Page - Microchip Technology SST25VF032B Datasheet HTML 30Page - Microchip Technology SST25VF032B Datasheet HTML 31Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
©2011 Silicon Storage Technology, Inc.
S71327-04-000
02/11
31
32 Mbit SPI Serial Flash
SST25VF032B
Data Sheet
A Microchip Technology Company
Table 15:Revision History
Number
Description
Date
00
•
Initial release of data sheet
Oct 2006
01
•
Changed clock frequency from 50 MHz to 66 MHz globally
•
Revised Table 14 AC Operating Characteristics
•
Revised Product Ordering Information and Valid Combinations on
page 28
•
Revised Figure 10 and Figure 11
•
Changed IDDR2 from Max 15 mA to Max 20 mA in Table 10
•
Changed TDH from Min 5 ns to Min 4 ns (66MHz) in Table 14
Mar 2008
02
•
Removed SC package
•
Removed Commercial Temperature.
Jul 2008
03
•
Added new valid combination with 80 MHz Clock Frequency
•
Added QA package
•
Edited Features, page 1
•
Edited Product Description, page 1
•
Edited Table 5 on page 9
•
Edited Figure 6 on page 9
•
Edited Table 10 on page 22
•
Edited Table 14 on page 24
May 2009
04
•
Updated “Auto Address Increment (AAI) Word-Program”, “End-of-Write
Detection”, and “Hardware End-of-Write Detection” on page 12.
•
Revised Figures 10 and 11 on page page 14.
•
Updated document to new format.
Feb 2011
© 2011 Silicon Storage Technology, Inc–a Microchip Technology Company. All rights reserved.
SST, Silicon Storage Technology, the SST logo, SuperFlash, MTP, and FlashFlex are registered trademarks of Silicon Storage Tech-
nology, Inc. MPF, SQI, Serial Quad I/O, and Z-Scale are trademarks of Silicon Storage Technology, Inc. All other trademarks and
registered trademarks mentioned herein are the property of their respective owners.
Specifications are subject to change without notice. Refer to www.microchip.com or www.sst.com for the most recent documentation.
Memory sizes denote raw storage capacity; actual usable capacity may be less.
SST makes no warranty for the use of its products other than those expressly contained in the Standard Terms and Conditions of
Sale.
For sales office(s) location and information, please see www.microchip.com or www.sst.com.
Silicon Storage Technology, Inc.
A Microchip Technology Company
www.microchip.com or www.sst.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com