Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF020B Datasheet(PDF) 1 Page - Microchip Technology

Part # SST25VF020B
Description  2 Mbit SPI Serial Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF020B Datasheet(HTML) 1 Page - Microchip Technology

  SST25VF020B Datasheet HTML 1Page - Microchip Technology SST25VF020B Datasheet HTML 2Page - Microchip Technology SST25VF020B Datasheet HTML 3Page - Microchip Technology SST25VF020B Datasheet HTML 4Page - Microchip Technology SST25VF020B Datasheet HTML 5Page - Microchip Technology SST25VF020B Datasheet HTML 6Page - Microchip Technology SST25VF020B Datasheet HTML 7Page - Microchip Technology SST25VF020B Datasheet HTML 8Page - Microchip Technology SST25VF020B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
A Microchip Technology Company
©2011 Silicon Storage Technology, Inc.
S71417-03-000
02/11
Data Sheet
www.microchip.com
www.sst.com
Features:
• Single Voltage Read and Write Operations
– 2.7-3.6V
• Serial Interface Architecture
– SPI Compatible: Mode 0 and Mode 3
• High Speed Clock Frequency
– Upto80MHz
• Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
• Low Power Consumption:
– Active Read Current: 10 mA (typical)
– Standby Current: 5 µA (typical)
• Flexible Erase Capability
– Uniform 4 KByte sectors
– Uniform 32 KByte overlay blocks
– Uniform 64 KByte overlay blocks
• Fast Erase and Byte-Program:
– Chip-Erase Time: 35 ms (typical)
– Sector-/Block-Erase Time: 18 ms (typical)
– Byte-Program Time: 7 µs (typical)
• Auto Address Increment (AAI) Programming
– Decrease total chip programming time over Byte-Pro-
gram operations
• End-of-Write Detection
– Software polling the BUSY bit in Status Register
– Busy Status readout on SO pin in AAI Mode
• Hold Pin (HOLD#)
– Suspends a serial sequence to the memory
without deselecting the device
• Write Protection (WP#)
– Enables/Disables the Lock-Down function of the status
register
• Software Write Protection
– Write protection through Block-Protection bits in status
register
• Temperature Range
– Commercial: 0°C to +70°C
– Industrial: -40°C to +85°C
• Packages Available
– 8-lead SOIC (150 mils)
– 8-contact WSON (6mm x 5mm)
• All non-Pb (lead-free) devices are RoHS compliant
2 Mbit SPI Serial Flash
SST25VF020B
The 25 series Serial Flash family features a four-wire, SPI compatible inter-
face that allows for a low pin-count package which occupies less board space
and ultimately lowers total system costs. The SST25VF020B devices are
enhanced with improved operating frequency and even lower power con-
sumption. SST25VF020B SPI serial flash memories are manufactured with
SST proprietary, high performance CMOS SuperFlash technology. The split-
gate cell design and thick-oxide tunneling injector attain better reliability and
manufacturability compared with alternate approaches.


Similar Part No. - SST25VF020B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF020B SST-SST25VF020B Datasheet
887Kb / 33P
2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
2-Mbit SPI Serial Flash
Revision D / March 2020
SST25VF020B-80-4C-Q3AE MICROCHIP-SST25VF020B-80-4C-Q3AE Datasheet
1Mb / 33P
2-Mbit SPI Serial Flash
Revision D / March 2020
logo
Silicon Storage Technol...
SST25VF020B-80-4C-QAE SST-SST25VF020B-80-4C-QAE Datasheet
887Kb / 33P
2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B-80-4C-QAE MICROCHIP-SST25VF020B-80-4C-QAE Datasheet
1Mb / 33P
2-Mbit SPI Serial Flash
Revision D / March 2020
More results

Similar Description - SST25VF020B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A_10 Datasheet
620Kb / 25P
2 Mbit SPI Serial Flash
SST25VF020B SST-SST25VF020B Datasheet
887Kb / 33P
2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
2 Mbit SPI Serial Flash
2013 04/13
SST25WF020A MICROCHIP-SST25WF020A_14 Datasheet
387Kb / 39P
2 Mbit 1.8V SPI Serial Flash
2014
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
2-Mbit SPI Serial Flash
Revision D / March 2020
SST25WF020A MICROCHIP-SST25WF020A_V01 Datasheet
1Mb / 42P
2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com