Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

280-009P2AC Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 280-009P2AC
Description  D-Subminiature Pin-to-Pin Feedthrough
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

280-009P2AC Datasheet(HTML) 1 Page - Glenair, Inc.

  280-009P2AC Datasheet HTML 1Page - Glenair, Inc. 280-009P2AC Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
H-10
H
280-009
MIL-DTL-24308/9 Type Hermetic
D-Subminiature Pin-to-Pin Feedthrough
APPLICATION NOTES
To be identified with manufacturer’s name, part number and date
1.
code, space permitting.
Contact Style: Pin-to-Pin only (See Part Number Development).
2.
All dimensions are typical for flange types “A” and “B.” “C” dim
3.
is not applicable to flange type “A.”
Material/Finish:
4.
Shell: FT =
Carbon steel/tin plated.
Z1 = Stainless steel/passivated.
P = Stainless steel/nickel plated.
Insulators: Glass bead/N.A.
Contacts: Pins, Alloy 52/gold plated
Performance:
5.
DWV - 750 VAC Pin-to-Shell
I.R. - 5,000 MegOhms Min @ 500 VDC
Hermeticity - 1 x 10-7 scc He/sec @1
atmosphere differential
Glenair 280-009 will mate with any QPL MIL-DTL-24308/1, /2
6.
and /23 receptacle of the same size and arrangement.
Metric dimensions (mm) are indicated in parentheses.
7.
MIL-DTL-24308/9
D-Subminiature
Hermetic
280 - 009
P
1
A
C
Class
FT = Fused Tin
Z1 = Passivated
P = Nickel Plated
Shell Size
Connector
Style
Flange Type
A = Solid
B = Four #4-40
Lockposts
Contact Style
C = Pin-Pin
R.062
Typ
.335
.316
K
Insert Arrangement Shown
are for Reference Only
10°
Typ
ø.040±.001
R.093
Typ
H
E
C
A
#4-40 Unc-2b
X .125 Min
Full Thread
D
B
FLANGE
TYPE
A
FLANGE
TYPE
B
TERMINATION
vIEW
ENGAGEMENT
vIEW
.605
Ref
.605
Ref
K


Similar Part No. - 280-009P2AC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
280-009 GLENAIR-280-009 Datasheet
354Kb / 2P
D-Subminiature Pin-to-Pin Feedthrough
logo
ATGBICS by Approved Tec...
280-0092-00-C ATGBICS-280-0092-00-C Datasheet
366Kb / 10P
280-0092-00 Cyan Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
More results

Similar Description - 280-009P2AC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PD42-21B EVERLIGHT-PD42-21B Datasheet
185Kb / 10P
1.8mm Round Subminiature Silicin PIN Photodiode
PD42-21C EVERLIGHT-PD42-21C Datasheet
156Kb / 10P
1.8mm Round Subminiature Silicin PIN Photodiode
logo
Glenair, Inc.
257-135-24-61 GLENAIR-257-135-24-61_09 Datasheet
397Kb / 2P
Bayonet Coupling Jam Nut Mount Pin-Pin Bulkhead Feedthrough Receptacle
logo
Everlight Electronics C...
PD42-21B-TR8 EVERLIGHT-PD42-21B-TR8 Datasheet
190Kb / 10P
1.8mm Round Subminiature Silicin PIN Photodiode
PD42-21C-TR8 EVERLIGHT-PD42-21C-TR8 Datasheet
162Kb / 10P
1.8mm Round Subminiature Silicin PIN Photodiode
logo
PANDUIT CORP.
CMD15HDIWY PANDUIT-CMD15HDIWY Datasheet
159Kb / 1P
Mini-Com짰 15-Pin High-Density D-Subminiature Module
logo
Assmann Electronics Inc...
AK168-10-R ASSMANN-AK168-10-R Datasheet
89Kb / 1P
D-Sub 25 Pin Male to D-Sub 25 Pin Female
logo
Glenair, Inc.
280-009 GLENAIR-280-009 Datasheet
354Kb / 2P
D-Subminiature Pin-to-Pin Feedthrough
logo
Everlight Electronics C...
EAPDST3224A3 EVERLIGHT-EAPDST3224A3 Datasheet
468Kb / 9P
1.8mm Round Subminiature Silicin PIN Photodiode
EAPDST3224A2 EVERLIGHT-EAPDST3224A2 Datasheet
377Kb / 8P
1.8mm Round Subminiature Silicon PIN Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com