Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19FS134XM08P Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 19FS134XM08P
Description  Composite EMI/RFI Ultra Low-Profile Shield Sock
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

19FS134XM08P Datasheet(HTML) 2 Page - Glenair, Inc.

  19FS134XM08P Datasheet HTML 1Page - Glenair, Inc. 19FS134XM08P Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-17
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
319-134
Composite EMI/RFI Ultra Low-Profile Shield Sock
with Shrink Boot Porch and Self Locking Rotatable Coupling
TABLE II: SHELL SIZE
Shell Size
E
± .06
F
± .09
G
Max
H
± .03
J
K
F
H
08
09
.72 (18.3)
.87 (22.1)
.63 (16.0)
1.042 (26.5)
.304 (7.7)
.160 (4.1)
10
11
.75 (19.1)
.93 (23.6)
.66 (16.8)
1.107 (28.1) .432 (11.0)
.174 (4.4)
12
13
.75 (19.1)
1.00 (25.4)
.72 (18.3)
1.174 (29.8) .546 (13.9)
.195 (5.0)
14
15
.76 (19.3)
1.03 (26.2)
.83 (21.1)
1.241 (31.5) .670 (17.0)
.315 (8.0)
16
17
.78 (19.8)
1.05 (26.7)
.91 (23.1)
1.305 (33.1) .796 (20.2)
.385 (9.8)
18
19
.79 (20.1)
1.06 (26.9)
.93 (23.6)
1.371 (34.8) .902 (22.9)
.445 (11.3)
20
21
.82 (20.8)
1.09 (27.7)
1.04 (26.4) 1.438 (36.5) 1.027 (26.1) .525 (13.3)
22
23
.86 (21.8)
1.13 (28.7)
1.12 (28.4) 1.505 (38.2) 1.152 (29.3) .595 (15.1)
24
25
.89 (22.6)
1.16 (29.5)
1.18 (30.0) 1.572 (39.9) 1.276 (32.4) .655 (16.6)
TABLE III: FINISH
Symbol
Finish Description
XM
2000 Hour Corrosion Resistant Electroless Nickel
XMT
2000 Hour Corrosion Resistant Ni-PTFE, Nickel-
Fluorocarbon Polymer. 1000 Hour GreyTM
XW
2000 Hour Corrosion Resistant Cadmium Olive
Drab Over Electroless Nickel
NOTES
1.
770-001S**-0 shrink boot supplied with T option. See shrink boot product page for more details.
2.
Coupling nut supplied unplated.
3.
See Table I in Intro for front end dimensional details.
TABLE IV: BRAID TYPE
Symbol
Braid Type
A
100% AmberStrand®
B
75%/25% AmberStrand® Blend
L
100% ArmorLiteTM
Standard
Nickel/Copper 34awg
T
Tin/Copper 34awg



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com