Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC706P Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC706P
Description  關P Supervisory Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC706P Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC706P Datasheet HTML 1Page - Micrel Semiconductor MIC706P Datasheet HTML 2Page - Micrel Semiconductor MIC706P Datasheet HTML 3Page - Micrel Semiconductor MIC706P Datasheet HTML 4Page - Micrel Semiconductor MIC706P Datasheet HTML 5Page - Micrel Semiconductor MIC706P Datasheet HTML 6Page - Micrel Semiconductor MIC706P Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
January 2006
3
MIC706P/R/S/T, MIC708R/S/T
MIC706P/R/S/T, MIC708R/S/T
Micrel, Inc.
Absolute Maximum Ratings(1)
Terminal Voltage
VCC ..........................................................–0.3V to +6.0V
All other inputs.............................–0.3V to (VOUT + 0.3V)
Input Current
VCC, Gnd ................................................................ 25mA
Output Current (all outputs)........................................ 20mA
Lead Temperature (soldering, 10 sec.)...................... 300°C
Storage Temperature................................ –65°C to +150°C
Operating Ratings(2)
Operating Temperature Range
MIC70_N ................................................ –40°C to +85°C
MIC70_M ................................................ –40°C to +85°C
Power Dissipation (PDIP)........................................ 475mW
Power Dissipation (SOP)......................................... 400mW
Electrical Characteristics(3)
VCC = 2.70V to 5.5V for MIC70_P/R; VCC = 3.00V to 5.5V for MIC70_S; VCC = 3.15V to 5.5V for MIC70_T;
TA = Operating Temperature Range, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Parameter
Conditions
Min.
Typ.
Max
Units
Operating Voltage Range, VCC
1.4
5.5
V
Supply Current
30
µA
Reset Voltage Threshold
MIC70_P/R
MIC70_S
MIC70_T
2.55
2.85
3.00
2.63
2.93
3.08
2.70
3.00
3.15
V
V
V
Reset Threshold Hysteresis
20
mV
Reset Pulse Width, tRS
140
200
280
ms
/RESET Output Voltage
(MIC70_R/S/T)
ISource = 200µA
ISink = 1.2mA
ISink = 50µA, VCC = 1.4V
0.8 × VCC
0.3
0.3
V
V
V
RESET Output Voltage
(MIC706P)
ISource = 200µA
ISink = 1.2mA
0.8 × VCC
0.3
V
V
RESET Output Voltage
(MIC708R/S/T)
ISource = 200µA
ISink = 500µA
0.8 × VCC
0.3
V
V
Watchdog Timeout Period, tWD
1.0
1.6
2.25
sec
WDI Minimum Input Pulse, tWP
VIL = 0.4V, VIH = 80% of VCC
VIL = 0.4V, VIH = 80% of VCC > 4.5V
100
50
ns
ns
WDI Threshold Voltage
VIH
VIL
0.7 × VCC
0.6
V
V
WDI Input Current
WDI = 0V or VCC
-1
1
µA
WDO Output Voltage
ISource = 200µA
ISink = 500µA
0.8 × VCC
0.3
V
V
/MR Pull-Up Current
/MR = 0V
20
250
600
µA
/MR Pulse Width, tMR
VCC = 4.5V
500
150
ns
ns
/MR Input Threshold
VIL
VIH
0.7 × VCC
0.6
V
V
/MR to Reset Output Delay, tMD
750
ns
PFI Input Threshold
1.2
1.25
1.3
V
PFI Input Current
-25
0.01
+25
nA
/PFO Output Voltage
ISink = 1.2mA
ISource = 200µA
0.8 × VCC
0.3
V
V
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com