Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2586 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2586
Description  Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2586 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2586 Datasheet HTML 1Page - Micrel Semiconductor MIC2586 Datasheet HTML 2Page - Micrel Semiconductor MIC2586 Datasheet HTML 3Page - Micrel Semiconductor MIC2586 Datasheet HTML 4Page - Micrel Semiconductor MIC2586 Datasheet HTML 5Page - Micrel Semiconductor MIC2586 Datasheet HTML 6Page - Micrel Semiconductor MIC2586 Datasheet HTML 7Page - Micrel Semiconductor MIC2586 Datasheet HTML 8Page - Micrel Semiconductor MIC2586 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Micrel
MIC2586/MIC2586R
October 2004
5
M9999-102204
(408) 955-1690
Pin Number
Pin Name
Pin Function
13
SENSE
Circuit Breaker Sense Input: This pin is the (-) Kelvin sense connection for the
output supply rail. A low-valued resistor (RSENSE) between this pin and the VCC
pin sets the circuit breaker’s current limit trip point.
When the current limit
detector circuit is enabled (as well as the current limit timer), while the FB pin
voltage remains higher than 1V, the voltage across the sense resistor (VCC-
VSENSE) will be regulated to VTRIP (47mV, typically) to maintain a constant current
into the load. When the FB pin voltage is less than
≅0.8V, the voltage across the
sense resistor decreases linearly to a minimum of 12mV (typical) when the FB
pin voltage is at 0V.
To disable the circuit breaker (and defeat all current limit protections), the
SENSE pin and the VCC pin can be tied together.
14
VCC
Positive Supply Voltage Input: This pin is the (+) Kelvin sense connection for the
output supply rail. The nominal operating voltage range for the MIC2586 and the
MIC2586R is +10V to +80V, and VCC can withstand input transients up to
+100V.
An undervoltage lockout circuit holds the GATE pin low whenever the
supply voltage to the MIC2586/MIC2586R is less than the VUVH threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com