Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

507T175E1503 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 507T175E1503
Description  EMI/RFI Elliptical Banding Backshell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

507T175E1503 Datasheet(HTML) 1 Page - Glenair, Inc.

  507T175E1503 Datasheet HTML 1Page - Glenair, Inc. 507T175E1503 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
M
M-19
EMI/RFI Elliptical
Banding Backshell
507-175
17-7PH Stainless Steel Clips attach the backshell to the
connector. These backshells accept standard and micro BAND-
IT® shield termination straps.
Straight, 45° and Right Angle elliptical backshell provides plenty of
working room for complicated wiring situations.
Rugged One-Piece Aluminum Shell with stainless steel hardware,
available in standard nickel plating, or choose optional finishes.
HOW TO ORDER 507-175 EMI BACKSHELLS
Series
Shell Finish
Connector
Size
Cable Entry Code
Hardware Option
Top Entry
507T175
Side Entry
507S175
45° Entry
507E175
E Chem Film
(Alodyne)
J Cadmium, Yellow
Chromate
M Electroless
Nickel
NF Cadmium,
Olive Drab
Z2 Gold
09
15
21
25
31
37
51
51-2
67
69
100
Omit (Leave Blank)
Fillister Head Jackscrew
H Hex Head Jackscrew
E Extended Jackscrew
F Jackpost, Female
Sample Part Number
507E175
M
25
04
D
E
Size
D
E
Available
on Shell
Size
In.
± .010
mm.
± 0.25
In.
± .010
mm.
± 0.25
01
.344
8.74
.290
7.37
09 Thru 100
02
.494 12.55
.290
7.37
15 Thru 100
03
.644 16.36
.290
7.37
21 Thru 100
04
.744 18.90
.304
7.72
25 Thru 100
05
.894 21.34
.304
7.72
31 Thru 100
06
.994 25.25
.304
7.72
37 Thru 100
07
1.044 26.52
.304
7.72
37 and 100
08
1.024 26.01
.384
9.75
100


Similar Part No. - 507T175E1503

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
507T175E1503E GLENAIR-507T175E1503E Datasheet
351Kb / 2P
Micro-D Backshells EMI, Banding, Elliptical, One Piece 507-175
507T175E1503F GLENAIR-507T175E1503F Datasheet
351Kb / 2P
Micro-D Backshells EMI, Banding, Elliptical, One Piece 507-175
507T175E1503H GLENAIR-507T175E1503H Datasheet
351Kb / 2P
Micro-D Backshells EMI, Banding, Elliptical, One Piece 507-175
More results

Similar Description - 507T175E1503

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
507-164C0904BB GLENAIR-507-164C0904BB Datasheet
263Kb / 2P
EMI/RFI Split Banding Micro-D Backshell Elliptical Entry
527A265B GLENAIR-527A265B Datasheet
130Kb / 1P
EMI/RFI Elliptical Qwik-Ty Straight Banding Backshell
527281BB GLENAIR-527281BB Datasheet
127Kb / 1P
EMI/RFI Qwik-Ty Elliptical Banding Backshell
557-108M2 GLENAIR-557-108M2 Datasheet
135Kb / 2P
EMI/RFI Banding Backshell Assembly
557109M2 GLENAIR-557109M2 Datasheet
171Kb / 2P
EMI/RFI Banding Backshell Assembly
557S184M GLENAIR-557S184M Datasheet
118Kb / 2P
EMI/RFI Banding Backshell Assembly
557331M GLENAIR-557331M Datasheet
120Kb / 2P
EMI/RFI Banding Backshell Assembly
557398M GLENAIR-557398M Datasheet
118Kb / 2P
EMI/RFI Banding Backshell Assembly
507T088XM09B04 GLENAIR-507T088XM09B04_11 Datasheet
230Kb / 2P
Composite EMI/RFI Banding Backshell
527-108 GLENAIR-527-108 Datasheet
50Kb / 2P
EMI/RFI Banding Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com