Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL811HST-AXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # SL811HST-AXC
Description  Embedded USB Host/Slave Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HST-AXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button SL811HST-AXC Datasheet HTML 3Page - Cypress Semiconductor SL811HST-AXC Datasheet HTML 4Page - Cypress Semiconductor SL811HST-AXC Datasheet HTML 5Page - Cypress Semiconductor SL811HST-AXC Datasheet HTML 6Page - Cypress Semiconductor SL811HST-AXC Datasheet HTML 7Page - Cypress Semiconductor SL811HST-AXC Datasheet HTML 8Page - Cypress Semiconductor SL811HST-AXC Datasheet HTML 9Page - Cypress Semiconductor SL811HST-AXC Datasheet HTML 10Page - Cypress Semiconductor SL811HST-AXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
SL811HS
Document 38-08008 Rev. *F
Page 7 of 32
USB-A/USB-B Host Control Registers [Address = 00h, 08h] .
Once the other SL811HS Control registers are configured (registers 01h-04h or 09h-0Ch) the Host Control register is programmed to
initiate the USB transfer. This register initiates the transfer when the Enable and Arm bit are set as described above.
USB-A/USB-B Host Base Address [Address = 01h, 09h] .
The USB-A/B Base Address is a pointer to the SL811HS memory buffer location for USB reads and writes. When transferring data
OUT (Host to Device), the USB-A and USB-B Host Base Address registers can be set up before setting ARM on the USB-A or USB-B
Host Control register. When using a double buffer scheme, the Host Base Address could be set up with the first buffer used for DATA0
data and the other for DATA1 data.
Table 3. USB-A/USB-B Host Control Register Definition [Address 00h, 08h]
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Preamble
Data Toggle Bit
SyncSOF
ISO
Reserved
Direction
Enable
Arm
Bit Position
Bit Name
Function
7
Preamble
If bit = ’1’ a preamble token is transmitted before transfer of low speed packet. If bit = ’0’,
preamble generation is disabled.
■ The SL811HS automatically generates preamble packets when bit 7 is set. This bit is only
used to send packets to a low speed device through a hub. To communicate to a full speed
device, this bit is set to ‘0’. For example, when SL811HS communicates to a low speed
device via the HUB:
— Set SL811HS SIE to operate at full speed, i.e., bit 5 of register 05h (Control Register 1)
= ’0’.
— Set bit 6 of register 0Fh (Control Register 2) = ’0’. Set correct polarity of DATA+ and
DATA– state for full speed.
— Set bit 7, Preamble bit, = ’1’ in the Host Control register.
■ When SL811HS communicates directly to a low speed device:
— Set bit 5 of register 05h (Control Register 1) = ’1’.
— Set bit 6 of register 0Fh (Control Register 2) = ’1’, DATA+ and DATA– polarity for low
speed.
— The state of bit 7 is ignored in this mode.
6
Data Toggle Bit
’0’ if DATA0, ’1’ if DATA1 (only used for OUT tokens in host mode).
5
SyncSOF
’1’ = Synchronize with the SOF transfer when operating in FS only.
The SL811HS uses bit 5 to enable transfer of a data packet after a SOF packet is transmitted.
When bit 5 = ‘1’, the next enabled packet is sent after next SOF. If bit 5 = ‘0’ the next packet
is sent immediately if the SIE is free. If operating in low speed, do not set this bit.
4
ISO
When set to ’1’, this bit allows Isochronous mode for this packet.
3
Reserved
Bit 3 is reserved for future use.
2
Direction
When equal to ’1’ transmit (OUT). When equal to ’0’ receive (IN).
1
Enable
If Enable = ’1’, this bit allows transfers to occur. If Enable = ’0’, USB transactions are ignored.
The Enable bit is used in conjunction with the Arm bit (bit 0 of this register) for USB transfers.
0
Arm
Allows enabled transfers when Arm = ’1’. Cleared to ’0’ when transfer is complete (when
Done Interrupt is asserted).
Table 4. USB-A/USB-B Host Base Address Definition [Address 01h, 09h]
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HBADD7
HBADD6
HBADD5
HBADD4
HBADD3
HBADD2
HBADD1
HBADD0
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com