Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

891-00525CSS-0 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 891-00525CSS-0
Description  Nanominiature Connectors Double Row Back-To-Back
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

891-00525CSS-0 Datasheet(HTML) 1 Page - Glenair, Inc.

  891-00525CSS-0 Datasheet HTML 1Page - Glenair, Inc. 891-00525CSS-0 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
39
E-Mail: sales@glenair.com
891-005
Series 89 Nanominiature Connectors
Double Row Back-To-Back
PLUG (PIN) CONNECTOR
RECEPTACLE (SOCKET) CONNECTOR
“T” Female Thread Option
HOW TO ORDER DOUBLE ROW BACK-TO-BACK JUMPERS
Series
Number of
Contacts
Connector
Type
Shell Material
and Finish
Wire
Gage
Wire Type
Wire
Color
Code
Length
Inches
Hardware
891-005
Back-To-
Back Cables,
Double Row,
Nanominiature
9
15
21
25
31
37
51
GP
Plug (Pin)
Connector on
Both Ends
GS
Receptacle
(Socket)
Connector on
Both Ends
CS
Plug (Pin)
On One End,
Receptacle On
The Other End
A1
Aluminum Shell,
Cadmium Plating
A2
Aluminum Shell,
Electroless
Nickel Plating
T
Titanium Shell,
Unplated
S
Stainless Steel
Shell, Passivated
0
#30 AWG
2
#32 AWG
A
Ultralightweight
XLETFE Insulation,
Silver-Coated
Ultrahigh-Strength
Copper (Not available
for #32 AWG)
B
Extruded PTFE
Insulation, NEMA HP3-
ETX (MIL-W-16878/6)
C
Cross-Linked Modified
ETFE Insulation, MIL-
W-22759/33
(Not available for #32
AWG)
1
White
2
Yellow
7
10 Color
Repeating
(wire
type A is
striped,
types B
and C
are solid
colors)
Overall
Length
In Inches
Including
Connectors
Example:
“12”
specifies
12 inches
OAL
JJ = Jackscrews on
both ends (GP, GS, CS)
JT = Jackscrews on
plug, threaded holes on
receptacle (CS)
JP = Jackscrews on
plug, threaded holes on
plug (GP)(*See Note
Below)
TJ = Jackscrews on
receptacle, threaded
holes on plug
(CS)(*See Note Below)
JR = Jackscrews on
receptacle, threaded
holes on receptacle
(GS)
TT = Threaded holes
both ends (GP, GS,
CS)(*See Note Below)
* Specify titanium or
stainless steel shells
when ordering plugs
with female threads.
Sample Part Number
891-005
— 9
GP
A1
—0
A
1
— 12
J
“J” Jackscrew Option
“J” Jackscrew Option
Glenair’s Back-To-Back Nano Connectors feature gold
alloy TwistPin contacts. Contacts are precision-crimped
to insulated, stranded wire. These nanomimiature
connectors offer premium preformance and reliability for
demanding applications. Contact spacing is .025 inches.
1 amp current rating, DWV rating 300 volts AC. Wire
gages #30 and #32 AWG.
TwistPin Contact System assures premium performance in
demanding environments. The gold/platinum alloy contacts
will stand up to years of exposure without corrosion.
“T” Female Thread Option
Titanium or Stainless Steel
Shells Only


Similar Part No. - 891-00525CSS-0

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
891-005 GLENAIR-891-005_15 Datasheet
970Kb / 2P
Dual Row Nano Back-to-Back Connector
More results

Similar Description - 891-00525CSS-0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSS40 STMICROELECTRONICS-MSS40 Datasheet
150Kb / 5P
BACK TO BACK SCR MODULE
Sep-2000
logo
Comset Semiconductor
MSS40 COMSET-MSS40 Datasheet
126Kb / 4P
BACK TO BACK SCR MODULE
logo
STMicroelectronics
SS-401 STMICROELECTRONICS-SS-401 Datasheet
119Kb / 7P
Back to back SCR module
11-Jul-2007
logo
Glenair, Inc.
804-070 GLENAIR-804-070 Datasheet
261Kb / 1P
Mighty Mouse Back-to-Back High-Speed Push-Pull Connectors
804-071 GLENAIR-804-071 Datasheet
234Kb / 1P
Mighty Mouse Back-to-Back High-Speed Push-Pull Connectors
804-072 GLENAIR-804-072 Datasheet
236Kb / 1P
Mighty Mouse Back-to-Back High-Speed Push-Pull Connectors
891-005 GLENAIR-891-005_15 Datasheet
970Kb / 2P
Dual Row Nano Back-to-Back Connector
logo
Kersemi Electronic Co.,...
MSS40-800 KERSEMI-MSS40-800 Datasheet
459Kb / 5P
BACK TO BACK SCR MODULE
logo
Infineon Technologies A...
AUIR3241S INFINEON-AUIR3241S Datasheet
807Kb / 19P
high side Mosfet driver for back to back topology targeting back to back switch
Rev 1.01 2017-09-12
logo
Nell Semiconductor Co.,...
NST70KQ NELLSEMI-NST70KQ Datasheet
688Kb / 5P
Back to Back SCR Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com