Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3850HA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 3850HA
Description  Difference between Spec.H and Spec.A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850HA Datasheet(HTML) 2 Page - Renesas Technology Corp

  3850HA Datasheet HTML 1Page - Renesas Technology Corp 3850HA Datasheet HTML 2Page - Renesas Technology Corp 3850HA Datasheet HTML 3Page - Renesas Technology Corp 3850HA Datasheet HTML 4Page - Renesas Technology Corp 3850HA Datasheet HTML 5Page - Renesas Technology Corp 3850HA Datasheet HTML 6Page - Renesas Technology Corp 3850HA Datasheet HTML 7Page - Renesas Technology Corp 3850HA Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
-2-
REJ99B0046-0100
Difference among 3850 Groups (Spec.A and Spec.H)
Difference among 3850 Groups (Spec.A and Spec.H)
VI
CNVss
-0.3 to Vcc+0.3V(Mask ROM version)
-0.3 to 13 V( PROM version)
-0.3 to 6.5 V(Flash Memory version)
-0.3 to Vcc+0.3V(Mask ROM version)
-0.3 to 6.5V(Flash Memory version)
Absolute
maximum
ratings
Mask: 8K,16K,24K,32K
Flash: 32K
PROM:24K
Mask: 8K,16K,24K,32K
Flash: 32K
PROM: –
ROM size
8MHz
12.5MHz
Max.f(XIN)
–
Built in (Port P0 – P4)
Software pull-up
resister
A-D channels
Related
Products
5 channels(P3 – P34)
9 channels(Port P30 –P34,P04-P07)
M38503M2H-XXXFP/SP
M38503M4H-XXXFP/SP
M38504M6-XXXFP/SP
M38507M8-XXXFP/SP
M38507F8FP/SP
M38504E6-XXXFP/SP
M38504E6FP/SP
M38504E6SS
M38517RSS
M38503M2A-XXXFP/SP
M38503M4A-XXXFP/SP
M38504M6A-XXXFP/SP
M38507M8A-XXXFP/SP
M38507F8AFP/SP
M38507ARLSS
3850 Group(Spec.H)
3850Group(Spec.A)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com