Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3202 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC3202
Description  High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3202 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC3202 Datasheet HTML 9Page - Micrel Semiconductor MIC3202 Datasheet HTML 10Page - Micrel Semiconductor MIC3202 Datasheet HTML 11Page - Micrel Semiconductor MIC3202 Datasheet HTML 12Page - Micrel Semiconductor MIC3202 Datasheet HTML 13Page - Micrel Semiconductor MIC3202 Datasheet HTML 14Page - Micrel Semiconductor MIC3202 Datasheet HTML 15Page - Micrel Semiconductor MIC3202 Datasheet HTML 16Page - Micrel Semiconductor MIC3202 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Micrel, Inc.
MIC3202
September 2010
13
M9999-091710-A
Ripple Measurements
To properly measure ripple on either input or output of a
switching regulator, a proper ring in tip measurement is
required. Standard oscilloscope probes come with a
grounding clip, or a long wire with an alligator clip.
Unfortunately, for high-frequency measurements, this
ground clip can pick-up high-frequency noise and
erroneously inject it into the measured output ripple.
The standard evaluation board accommodates a home
made version by providing probe points for both the
input and output supplies and their respective grounds.
This requires the removing of the oscilloscope probe
sheath and ground clip from a standard oscilloscope
probe and wrapping a non-shielded bus wire around the
oscilloscope probe. If there does not happen to be any
non-shielded bus wire immediately available, the leads
from axial resistors will work. By maintaining the shortest
possible ground lengths on the oscilloscope probe, true
ripple measurements can be obtained.
Figure 2. Low-Noise Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com