Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4802 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4802
Description  High Efficiency 800mA Single Channel Linear WLED Driver with Ultra Fast PWM??Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4802 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4802 Datasheet HTML 1Page - Micrel Semiconductor MIC4802 Datasheet HTML 2Page - Micrel Semiconductor MIC4802 Datasheet HTML 3Page - Micrel Semiconductor MIC4802 Datasheet HTML 4Page - Micrel Semiconductor MIC4802 Datasheet HTML 5Page - Micrel Semiconductor MIC4802 Datasheet HTML 6Page - Micrel Semiconductor MIC4802 Datasheet HTML 7Page - Micrel Semiconductor MIC4802 Datasheet HTML 8Page - Micrel Semiconductor MIC4802 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel Inc.
MIC4802
January 2011
4
M9999-013111-B
Typical Characteristics
LED Battery Voltage
vs. LED Current
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2.5
3
3.5
4
4.5
5
5.5
LED BATTERY VOLTAGE (V)
VIN = 5.5V
VIN = 3.5V
VIN = 3.0V
LED Current
vs. LED Anode Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
2.5
3
3.5
4
4.5
5
5.5
LED ANODE VOLTAGE (V)
VIN = 5.5V
VIN = 3.5V
VIN = 3.0V
Dropout Voltage
vs. LED Current
0
50
100
150
200
250
300
350
400
450
500
0
200 400 600 800 1000 1200 1400
LED CURRENT (mA)
VIN = 5V
Supply Bias Current
vs. LED Anode Voltage
0
1
2
3
4
5
6
7
8
2.5
3
3.5
4
4.5
5
5.5
LED BATTERY VOLTAGE (V)
VIN = 5.5V
VIN = 2.5V
VIN = 3.5V
RSET = 4.64kΩ
Peak LED Current
vs. RSET
1
10
100
1000
10000
1
10
100
1000
10000
RSET (kΩ)
LED Current
vs. PWM Duty Cycle
0
100
200
300
400
500
600
700
800
900
0
2040
6080
100
DUTY CYCLE (%)
fPWM = 10kHz
fPWM = 5kHz
fPWM = 1kHz
VIN = 5V
LED Current
vs. PWM Duty Cycle
0
100
200
300
400
500
600
700
800
900
020
40
60
80
100
DUTY CYCLE (%)
fPWM = 20kHz
fPWM = 200kHz
fPWM = 100kHz
fPWM = 500kHz
RSET Voltage
vs. LED Current
1.24
1.26
1.28
1.3
1.32
1.34
1.36
1.38
1.4
0
200 400 600 800 1000 1200 1400
LED CURRENT (mA)
VIN = 5V
Typical ILED vs. VLED
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.4
2.6
2.8
3
3.2
3.4
3.6
LED FORWARD VOLTAGE (V)
VIN = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com