Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 7547
Description  Standard Characteristics
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 6Page - Renesas Technology Corp 7547 Datasheet HTML 7Page - Renesas Technology Corp 7547 Datasheet HTML 8Page - Renesas Technology Corp 7547 Datasheet HTML 9Page - Renesas Technology Corp 7547 Datasheet HTML 10Page - Renesas Technology Corp 7547 Datasheet HTML 11Page - Renesas Technology Corp 7547 Datasheet HTML 12Page - Renesas Technology Corp 7547 Datasheet HTML 13Page - Renesas Technology Corp 7547 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
7546/7547 Group Standard Characteristics
M37546G2-XXXSP/GP/HP,M37546G4-XXXSP/GP/HP,M37547G2-XXXFP,M37547G4-XXXFP,
M37546G2SP/GP/HP,M37546G4SP/GP/HP,M37547G2FP,M37547G4FP
(9) On-chip Oscillator Frequency Characteristics Example
On-chip oscillator frequency characteristics (revised in rev.2.00)
On-chip oscillator frequency characteristics (revised in rev.2.00)
(Vcc-Rosc)
(Ta-Rosc)
Fig. 40. Vcc-Rosc
Fig. 41. Ta-Rosc
(10) RC Oscillation Frequency Characteristics Example
RC Oscillation frequency characteristics
RC Oscillation frequency characteristics
(R-f(XIN) )
(C-f(XIN) characteristics)
Fig. 42. R-f(XIN)
Fig. 43. C-f(XIN)
RC Oscillation Frequency characteristics
RC Oscillation Frequency characteristics
(Vcc-f(XIN) )
(Ta-f(XIN) )
Fig. 44. Vcc-f(XIN)
Fig. 45. Ta-f(XIN)
External capacitor C [pF]
External resistor R [k
Ω]
Operating Temperature Range Ta [°C]
Power Source Voltage Vcc [V]
QzROM version (f(XIN) @ 4 MHz [R = 5.1kW, C = 20 pF] )
QzROM version (Ta = 25 °C, f(XIN)
≅ 4 MHz [R = 5.1kΩ, C = 20 pF])
QzROM version
Power Source Voltage Vcc [V]
QzROM version
QzROM version (Vcc = 5.0 V, Ta = 25 °C, C = 20 pF)
Temperature [°C]
QzROM version (Vcc = 5.0 V, Ta = 25 °C, R = 5.1 k
Ω)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Ta = -25 °C
Ta = 25 °C
Ta = 90°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-60
-40
-20
0
20
40
60
80
100
120
140
Vcc = 5.0 V
Vcc = 3.0 V
0
2
4
6
8
0
1020304050
0
2
4
6
8
0
10
203040
5060
0
1
2
3
4
5
6
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
3.5
4.0
4.5
5.0
5.5
-60
-40
-20
0
20
40
60
80
100
120
140
Vcc = 5.0 V
Vcc = 3.0 V
REJ99B1149-0200
©2007. Renesas Technology Corp., All rights reserved.
Page 10 of 12
February 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com