Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R10 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R10
Description  Sample Program (Lux Meter)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R10 Datasheet(HTML) 1 Page - Renesas Technology Corp

  R10 Datasheet HTML 1Page - Renesas Technology Corp R10 Datasheet HTML 2Page - Renesas Technology Corp R10 Datasheet HTML 3Page - Renesas Technology Corp R10 Datasheet HTML 4Page - Renesas Technology Corp R10 Datasheet HTML 5Page - Renesas Technology Corp R10 Datasheet HTML 6Page - Renesas Technology Corp R10 Datasheet HTML 7Page - Renesas Technology Corp R10 Datasheet HTML 8Page - Renesas Technology Corp R10 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REJ05B0811_0110 Rev.1.10
2007.11
Page 1 of 16
Application Notes
M16C/26A Group
Sample Program (Lux Meter)
1.
Summary
This sample program provides the functionality of a lux, or illuminance meter by using the Renesas Starter Kit for M16C/26A
(R0K33026AS000BE) and an extension board.
2.
Introduction
The example described in this document applies to the microcomputers listed below:
Microcomputers: M16C26A
This sample program runs on the Renesas Starter Kit for M16C/26A (R0K33026AS000BE).
Prepare an extension board available for the Renesas Starter Kit or create a circuit similar to the one shown in the example circuit on page
13 and then connect it to the Starter Kit.
This program uses RSK_LIB. For details about RSK_LIB, see the RSK_LIB reference manual. (RSK_LIB is the library software provided
for use with the Renesas Starter Kit for M16C/26A.)
The extension board used here is a product
from PI System Co., Ltd.
Illuminance meter


Similar Part No. - R10

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
R10 TEC-R10 Datasheet
344Kb / 6P
1 through 8 form C (CO) contact arrangement
logo
Weller Tools
R10 WELLER-R10 Datasheet
42Kb / 2P
Hot air nozzles for HAP1 WMD 3K, WMD 1A, WAD 101, WMA 3V
logo
3M Electronics
R10-10 3M-R10-10 Datasheet
23Kb / 2P
R10-6 thru R18-10 Ring Tongue, Non-Insulated, Butted Seam
R10-14 3M-R10-14 Datasheet
23Kb / 2P
R10-6 thru R18-10 Ring Tongue, Non-Insulated, Butted Seam
logo
Molex Electronics Ltd.
R10-14L MOLEX-R10-14L Datasheet
50Kb / 1P
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
More results

Similar Description - R10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C26A-C RENESAS-M16C26A-C Datasheet
516Kb / 17P
Sample Program (Calendar)
M16C26A-EDC RENESAS-M16C26A-EDC Datasheet
638Kb / 18P
Sample Program (Electronic Desktop Calculator)
M16C26A-M RENESAS-M16C26A-M Datasheet
519Kb / 17P
Sample Program (Message)
M16C26A-MS RENESAS-M16C26A-MS Datasheet
514Kb / 17P
Sample Program (Musical Scale)
M16C26A-TS RENESAS-M16C26A-TS Datasheet
601Kb / 17P
Sample Program (Terminal Software)
M16C26A-V RENESAS-M16C26A-V Datasheet
510Kb / 15P
Sample Program (Voltmeter)
R8C-3MT RENESAS-R8C-3MT Datasheet
112Kb / 21P
Sample Program: 3-Minute Timer
R8C-MS RENESAS-R8C-MS Datasheet
123Kb / 22P
Sample Program: Musical Scales
logo
Extech Instruments Corp...
401025 EXTECH-401025_15 Datasheet
123Kb / 1P
Foot Candle/Lux Meter
logo
ASM GmbH
FT3424 ASM-SENSOR-FT3424 Datasheet
1Mb / 4P
LUX METER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com