Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM-183PIN Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AM-183PIN
Description  Cascadable Thin Film Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-183PIN Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-183PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-183PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-183PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Cascadable Thin Film Amplifier,
28.5 dB Gain, 10 - 600 MHz
Rev. V5
AM-183 / AMC-183
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications:
2,3 TA = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
@+25
oC
dB
27.5
28.5
29.5
Frequency Response
—
dB
—
—
±1.5
Gain Variation with
Temperature
—
dB
—
—
±1.2
1 dB Compression
Output Power
dBm
+13
—
—
Noise Figure
—
dB
dB
—
—
—
—
4.5
5.0
Reverse Transmission
—
dB
—
-35
-32
VSWR
—
Ratio
—
—
2.0:1
Output IP2
Two-Tone inputs up to 0 dBm
dBm
+30
—
—
Output IP3
Two-Tone inputs up to 0 dBm
dBm
+20
—
—
Vbias
—
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
—
72
80
Power Dissipation
@ +15 V Bias
mW
—
1.1
—
Frequency
400 MHz
10 - 600 MHz
10 - 600 MHz
10 - 600 MHz
10 - 500 MHz
10 - 600 MHz
10 - 600 MHz
10 - 600 MHz
10 - 600 MHz
10 - 600 MHz
—
—
—
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 1.2 W must be
provided in use.
equency
(MHz)
11
MAG/ANG
S21
MAG/ANG
S12
MAG/ANG
S22
MAG/ANG
5
0.14/-148.3
31.43/17.9
0.01/1.9
0.20/177.2
10
0.13/170.1
32.36/6.3
0.01/1.6
0.12/92.7
20
0.13/-178.3
32.65/-2.6
0.01/1.3
0.09/69.8
50
0.12/179.2
33.31/-13.6
0.01/-0.5
0.06/-72.9
100
0.11/-178.0
33.09/-29.3
0.01/-2.1
0.05/-98.1
250
0.12/171.1
31.87/-71.9
0.01/-9.3
0.06/-123.4
500
0.12/129.7
29.37/-144.8
0.01/-22.1
0.17/-153.9
750
0.14/-44.0
27.01/145.8
0.01/-45.8
0.25/178.1
S-Parameter Data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com