Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL89367 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL89367
Description  High Speed, Dual Channel, 6A, MOSFET Driver With Programmable Rising and Falling Edge Delay Timers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL89367 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL89367 Datasheet HTML 5Page - Intersil Corporation ISL89367 Datasheet HTML 6Page - Intersil Corporation ISL89367 Datasheet HTML 7Page - Intersil Corporation ISL89367 Datasheet HTML 8Page - Intersil Corporation ISL89367 Datasheet HTML 9Page - Intersil Corporation ISL89367 Datasheet HTML 10Page - Intersil Corporation ISL89367 Datasheet HTML 11Page - Intersil Corporation ISL89367 Datasheet HTML 12Page - Intersil Corporation ISL89367 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ISL89367
9
FN7727.0
January 31, 2011
Functional Description
Note: In the following discussion, when a lower case “n” or “x” is
used in a pin name, the “n” can be replaced by “1” or “2” and “x”
can be replaced by “A” or “B”.
The ISL89367 drivers are designed specifically for Synchronous
Rectifier (SR) applications but can also be used for any MOSFET
driver application especially when a precision propagation time
delay is required for the output rising for falling edge (or both).
To prevent unexpected glitches on the output of the ISL89367
during the application or removal of bias voltage, the
undervoltage (UV) lock-out holds the outputs of the driver low
when VDD < ~3.3 VDC regardless of the input logic level.
The fast rising (or falling) output drive current of the ISL89367
minimizes the turn-on (or off) delay due to the input capacitance
of the driven FET. The switching transition period at the Miller
plateau is also minimized by the high amplitude drive currents.
(See the specified Miller plateau currents in the AC Electrical
Specifications on page 6).
Input Logic Voltage Levels
The input logic (INnx) has thresholds of 37% (falling input) and
63% (rising input). The maximum VREF+ relative to VREF- is
10VDC. For typical 5V logic applications VREF+ = 5V, VREF- = 0V.
In a similar manner, applications with 3.3V logic VREF+ = 3.3V
and VREF- = 0V. Note that the INVx inputs have TTL compatible
thresholds, are VDD tolerant, and do not have precision
thresholds.
Programmable Delays
The propagation time delays are programmed by resistors
connected between RDELx or FDELx and VSS. A resistor
connected to RDELx delays the rising edge of OUTx. Likewise, a
resistor connected to FDELx delays the falling edge of OUTx. The
resistors should be connected as close as possible to the pins to
prevent noise coupling into these connections. In extremely noisy
applications, it may be necessary to bypass the resistors with a
0.01µF or smaller decoupling capacitor. The time delay varies
linearly between ~40ns and ~265ns for values from 2k
Ω to
20k
Ω. If no time delay is required, short RDELx and FDELx to
VSS. Programmed delays for resistor values < 2k are not
specified or recommended. Resistor values > 20k are also not
recommended.
Delays Greater than 270ns
For application requiring delay durations longer than 270ns, the
ISL89367 also offers a solution. The input logic pins have
precision thresholds which are designed for precision time delays
of either the rising of falling edge of OUTx by using the time
constant of a resistor and capacitor. The logic inputs pins of the
driver, INnx, are connected to the positive inputs of the input
comparators. The positive and negative transition threshold
voltages are established on the negative inputs of these
comparator by a resistor divider that is biased by VREF+ and
VREF-. If VREF+ is connected to the bias voltage of the input logic
and if VREF- is connected to the ground of the input logic, then
the threshold transitions are proportional to the bias voltage of
the input logic. Consequently, the time delays are independent of
the accuracy of the input logic bias voltage.
Figure 16 illustrates a circuit that is used to delay the rising edge
of OUTA relative to the rising edge of the signal source. The value
of C should also be substantially larger than the input
capacitance of the input pin of the ISL89367, the parasitic
capacitance associated with the traces, and the output
capacitance, CDS of the signal FET Q1.
If the signal source is TTL or open drain, Ra is required but not for
CMOS.
The calculation of the rising delay is simply shown by Equation 1:
This is a consequence of the 37%/63% thresholds.
FIGURE 15. PROGRAMMABLE DELAY vs RDEL and FDEL
Typical Performance Curves (Continued)
0
50
100
150
200
250
300
350
0
5
10
15
20
RDT (2k to 20k)
-40°C (WORST CASE)
+25°C (TYPICAL)
+125°C (WORST CASE)
tdelay
Rb C
×
=
(EQ. 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com