Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4AGSW4_V4 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW4_V4
Description  SP4T AlGaAs PIN Diode Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW4_V4 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW4_V4 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW4_V4 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW4_V4 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW4_V4 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW4_V4 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW4_V4 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW4_V4 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
SP4T AlGaAs PIN Diode Switch
Rev. V4
MA4AGSW4
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
FEATURES
 Ultra Broad Bandwidth : 50 MHz to 50 GHz
 Functional Bandwidth : 50 MHz to 70 GHz
 0.7 dB Insertion Loss
 32 dB Isolation at 50 GHz
 Low Current consumption
-10mA for low loss state
+10mA for Isolation state
 M/A-COM Tech’s unique AlGaAs
hetero-junction anode technology
 Silicon Nitride Passivation
 Polymer Scratch protection
 RoHS Compliant* and 260°C Reflow Compatible
DESCRIPTION
The MA4AGSW4 is an Aluminum-Gallium-Arsenide,
single pole, four throw (SP4T), PIN diode switch.
The switch features enhanced AlGaAs anodes which
are formed using M/A-COM Tech’s patented hetero-
junction technology. This technology produces a
switch with less loss than conventional GaAs proc-
esses. As much as a 0.3 dB reduction in insertion
loss can be realized at 50GHz. These devices are
fabricated on an OMCVD epitaxial wafer using a
process designed for high device uniformity and
extremely low parasitics. The diodes themselves
exhibit low series resistance, low capacitance, and
fast switching speed. They are fully passivated with
silicon nitride and have an additional polymer layer
for
scratch
protection.
The
protective
coating
prevents damage to the diode junction and anode
air-bridges during handling and assembly. Off chip
bias circuitry is required.
APPLICATIONS
The high electron mobility of AlGaAs and the low
capacitance of the PIN diodes makes this switch
ideal for fast switching, high frequency, multi-throw
switch designs. These AlGaAs PIN switches are use
in switching arrays for radar systems, radiometers,
test equipment and other multi-assembly compo-
nents.
Yellow areas indicate bond pads
Absolute Maximum Ratings @ TAMB = +25°C
Parameter
Maximum Rating
Operating Temperature
-55°C to +125°C
Storage Temperature
-55°C to +150°C
Incident C.W. RF Power
+23dBm C.W.
Breakdown Voltage
25V
Bias Current
± 25mA
Assembly Temperature
+300°C < 10 sec
Junction Temperature
+175°C
Maximum combined operating conditions for RF Power, D.C.
bias, and temperature: +23 dBm C.W. @ 10 mA (per diode) @
+85°C.
J1
J2
J3
J4
J5
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MA4AGSW4_V4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
SP4T AlGaAs PIN Diode Switch
More results

Similar Description - MA4AGSW4_V4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW8-2 MACOM-MA4AGSW8-2 Datasheet
155Kb / 7P
AlGaAs SP8T PIN Diode Switch
MA4AGSW3 MACOM-MA4AGSW3 Datasheet
241Kb / 6P
AlGaAs SP3T PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW3 MA-COM-MA4AGSW3 Datasheet
159Kb / 7P
SP3T AlGaAs PIN Diode Switch
MA4AGSW4 MA-COM-MA4AGSW4 Datasheet
118Kb / 7P
SP4T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW8-2 MA-COM-MA4AGSW8-2 Datasheet
123Kb / 6P
SP8T AlGaAs PIN Diode Switch
MA4AGSW2_V5 MA-COM-MA4AGSW2_V5 Datasheet
111Kb / 7P
SPDT AlGaAs PIN Diode Switch
MA4AGSW3_V7 MA-COM-MA4AGSW3_V7 Datasheet
131Kb / 7P
SP3T AlGaAs PIN Diode Switch
MA4AGSW5_V5 MA-COM-MA4AGSW5_V5 Datasheet
140Kb / 7P
SP5T AlGaAs PIN Diode Switch
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
SP4T AlGaAs PIN Diode Switch
MA4AGSW3 MA-COM-MA4AGSW3_15 Datasheet
684Kb / 8P
SP3T AlGaAs PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com