Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4M2020 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4M2020
Description  MNS Microwave Chip Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4M2020 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4M2020 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4M2020 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4M2020 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4M2020 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
MNS Microwave Chip Capacitors
M/A-COM Products
Rev. V4
MA4M Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Model Number
Capacitance (pF)
Maximum
Standoff
Voltage Rating
( Volts )
Chip Style
Nominal Top
Contact Diameter
( mils )
MA4M2020
20
200
132
13
MA4M1050
50
100
132
11
MA4M1100
100
100
199
20
.
Specifications
Chip Capacitors with Round Bonding Pads
Chip Capacitors with Square Bonding Pads
Model Number
Capacitance (pF)
Maximum
Standoff
Voltage Rating
( Volts )
Chip Style
MA4M3010
10
200
350
MA4M3030
30
200
352
MA4M3050
50
200
354
MA4M3100
100
50
358
MA4M3150
150
50
359
Applied Voltage
Specified standoff voltage
Operating Temperature -55 Deg.C to + 200 Deg. C
Storage Temperature
-55 Deg.C to + 200 Deg. C
Maximum Ratings
Notes :
1.
Capacitance is measured @ 1 MHz.
2.
Temperature coefficient of capacitance is nominally
180 PPM/Degrees C.
4.
Device failure may occur is standoff voltage rating is
exceeded.
5.
Other capacitance and standoff voltage values are avail-
able on request.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com