Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL100MN0MP Datasheet(PDF) 5 Page - Sharp Corporation

Part # GL100MN0MP
Description  Surface Mount Type, Infrared Emitting Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL100MN0MP Datasheet(HTML) 5 Page - Sharp Corporation

  GL100MN0MP Datasheet HTML 1Page - Sharp Corporation GL100MN0MP Datasheet HTML 2Page - Sharp Corporation GL100MN0MP Datasheet HTML 3Page - Sharp Corporation GL100MN0MP Datasheet HTML 4Page - Sharp Corporation GL100MN0MP Datasheet HTML 5Page - Sharp Corporation GL100MN0MP Datasheet HTML 6Page - Sharp Corporation GL100MN0MP Datasheet HTML 7Page - Sharp Corporation GL100MN0MP Datasheet HTML 8Page - Sharp Corporation GL100MN0MP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Sheet No.: D1-A00601EN
5
GL100MN0MPx
Fig. 7 Radiant Flux vs. Forward Current
Fig. 8 Relative Output vs.
Distance to Detector
0.01
100
10
1
0.1
1
100
10
1000
Ta = 25°C
Forward current IF (mA)
Pulse
(Pulse width
≤100 ms)
0.01
0.1
1
10
100
0.1
1
10
100
1000
(Detector: PT100MF0MP)
Distance to detector (mm)
IF = constant
Ta = 25°C
Fig. 9 Radiation Diagram
100
80
60
40
20
0
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0°
+10°
+20°
+30°
+40°
+50°
+60°
+70°
+80°
+90°
Angular displacement
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com