Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL100MN0MP1 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GL100MN0MP1
Description  Surface Mount Type, Infrared Emitting Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL100MN0MP1 Datasheet(HTML) 3 Page - Sharp Corporation

  GL100MN0MP1 Datasheet HTML 1Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 2Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 3Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 4Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 5Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 6Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 7Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 8Page - Sharp Corporation GL100MN0MP1 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Sheet No.: D1-A00601EN
3
GL100MN0MPx
■ Absolute Maximum Ratings
*1 Pulse width: 100 µs, Duty ratio: 0.01
*2 Within 10 s (MAX.) see Fig. 10.
■ Electro-optical Charactertistics
Parameter
Symbol
Rating
Unit
Forward current
IF
50
mA
Peak pulsed forward current *1
IFM
0.5
A
Reverse voltage
VR
6
V
Power dissipation
P
75
mW
Operating temperature
Topr
-30 to +85°C
Storage temperature
Tstg
-40 to+ 95
°C
Soldering temperature *2
Tsol
240
°C
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward voltage
VF
IF = 20 mA
–
1.2
1.4
V
Peak forward voltage
VFM
IFM = 0.5 A
–
3.0
4.0
V
Reverse current
IR
VR = 3 V
––
10
µA
Radiant intensity
φe
IF = 20 mA
1.0
–
3.0
mW
Peak emission wavelength
λpIF = 5 mA
–
940
–
nm
Half intensity wavelength
Δλ
IF = 5 mA
–
45
–
nm
Terminal capacitance
Ct
VR = 0, f = 1 MHz
–
50
–
pF
Response frequency
fC
–
–
300
–
kHz
Half-intensity angle
Δθ
–
–
±10
–
degrees
Fig. 1 Forward Current vs.
Ambient Temperature
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
Ambient temperature Ta (°C)
-30
85
Fig. 2 Peak Forward Current vs. Duty Ratio
10
100
1000
10000
Duty ratio
10-4
10-3
10-2
10-1
100
Pulse width
≤ 100 µs
Ta = 25°C
(Ta = 25°C)
(Ta = 25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com