Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL100MN1MP Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL100MN1MP
Description  Surface Mount Type, High Power
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL100MN1MP Datasheet(HTML) 1 Page - Sharp Corporation

  GL100MN1MP Datasheet HTML 1Page - Sharp Corporation GL100MN1MP Datasheet HTML 2Page - Sharp Corporation GL100MN1MP Datasheet HTML 3Page - Sharp Corporation GL100MN1MP Datasheet HTML 4Page - Sharp Corporation GL100MN1MP Datasheet HTML 5Page - Sharp Corporation GL100MN1MP Datasheet HTML 6Page - Sharp Corporation GL100MN1MP Datasheet HTML 7Page - Sharp Corporation GL100MN1MP Datasheet HTML 8Page - Sharp Corporation GL100MN1MP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Sheet No.: D1-A00701EN
Date: November 30, 2007
©SHARP Corporation
GL100MN1MPx
GL100MN1MPx
Surface Mount Type, High Power
Output Infrared Emitting Diode
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
■ Features
1.
Compact and thin SMD package
2.
Top view and side view mountable
3.
Plastic mold with resin lens
4.
Peak emission wavelength: 940 nm TYP.
5.
Narrow directivity angle (
Δθ ±10° TYP.)
6.
High power output (
φ e: 6.0 mW MAX.)
7.
Lead free and RoHS directive compliant
■ Model Line-up
■ Agency Approvals/Compliance
1.
Compliant with RoHS directive (2002/95/EC)
2.
Content information about the six substances
specified in “Management Methods for Control of
Pollution Caused by Electronic Information Prod-
ucts Regulation” (popular name: China RoHS)
(Chinese:
);
refer to page 7.
■ Applications
1.
Office automation equipment
2.
Audio visual equipment
3.
Home appliances
4.
Telecommunication equipment
5.
Measuring equipment
6.
Tooling machines
7.
Computers
Model No.
Packaging
Mount Direction
GL100MN1MP
2000 pcs/reel
Side view
GL100MN1MP1
1500 pcs/reel
Top view


Similar Part No. - GL100MN1MP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL100MN0MP SHARP-GL100MN0MP Datasheet
969Kb / 11P
Surface Mount Type, Infrared Emitting Diode
GL100MN0MP1 SHARP-GL100MN0MP1 Datasheet
969Kb / 11P
Surface Mount Type, Infrared Emitting Diode
GL100MN3MP SHARP-GL100MN3MP Datasheet
558Kb / 10P
Surface Mount Type, High Power
GL100MN3MP1 SHARP-GL100MN3MP1 Datasheet
558Kb / 10P
Surface Mount Type, High Power
More results

Similar Description - GL100MN1MP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
Surface Mount Type
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
Surface Mount Type
logo
Sharp Corporation
GL100MN3MP SHARP-GL100MN3MP Datasheet
558Kb / 10P
Surface Mount Type, High Power
logo
Panasonic Semiconductor
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
Surface Mount Type
logo
Sanken electric
SPF5103 SANKEN-SPF5103 Datasheet
127Kb / 1P
Compact type power surface mount package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com