Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL100MN1MP1 Datasheet(PDF) 7 Page - Sharp Corporation

Part # GL100MN1MP1
Description  Surface Mount Type, High Power
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL100MN1MP1 Datasheet(HTML) 7 Page - Sharp Corporation

Back Button GL100MN1MP1 Datasheet HTML 3Page - Sharp Corporation GL100MN1MP1 Datasheet HTML 4Page - Sharp Corporation GL100MN1MP1 Datasheet HTML 5Page - Sharp Corporation GL100MN1MP1 Datasheet HTML 6Page - Sharp Corporation GL100MN1MP1 Datasheet HTML 7Page - Sharp Corporation GL100MN1MP1 Datasheet HTML 8Page - Sharp Corporation GL100MN1MP1 Datasheet HTML 9Page - Sharp Corporation GL100MN1MP1 Datasheet HTML 10Page - Sharp Corporation GL100MN1MP1 Datasheet HTML 11Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Sheet No.: D1-A00701EN
7
GL100MN1MPx
Storage and Handling
1.
Store these parts between 5°C and 30°C, at a relative humidity of less than 70%.
2.
After breaking the package seal, maintain the environment within 5°C to 25°C, at a relative humidity of less than
60%, and mount the parts within two days. If unable to do so, bake before mounting.
3.
When storing the parts after breaking the seal, Sharp recommends storage of no longer than two weeks in a dry
box or by resealing the parts in a moisture-proof bag with a desiccant. If unable to do so, bake before mounting.
4.
When baking the parts before mounting, Sharp recommends baking the parts only once and only if in a metal
tray or mounted on a PCB. Recommended conditions are for 16 to 24 hours, at a temperature of 125°C.
■ Presence of ODCs (RoHS Compliance)
This product shall not contain the following materials, and they are not used in the production process for this
product:
• Regulated substances: CFCs, Halon, Carbon tetrachloride, 1,1,1-Trichloroethane (Methylchloroform). Specific
brominated flame retardants such as the PBBOs and PBBs are not used in this product at all.
This product shall not contain the following materials banned in the RoHS Directive (2002/95/EC).
• Lead, Mercury, Cadmium, Hexavalent chromium, Polybrominated biphenyls (PBB), Polybrominated diphenyl
ethers (PBDE).
• Content information about the six substances specified in “Management Methods for Control of Pollution
Caused by Electronic Information Products Regulation” (Chinese:
)
NOTE:
✓ indicates that the content of the toxic and hazardous substance in all the homogeneous materials of the part is below the concentration limit requirement
as described in SJ/T 11363-2006 standard.
■ Taping Specifications
1.
Tape structure and dimensions conforms to those shown in Fig. 11 to Fig. 16.
2.
Product insertion will have the cathode to the hole side of the tape.
3.
Cover tape peel-separation force: F = 0.2 to 1.0 N (where
θ 160° to 180°)
4.
Quantity per reel = 2000 pcs. (GL100MN1MP) or 1500 pcs. (GL100MN1MP1)
5.
Product mass: 0.01 g (approx.)
6.
Packaging:
a.
Reels are sealed inside an aluminum bag, along with a humidity indicator card.
b.
Bags are labeled and securely packed.
Category
Toxic and Hazdardous Substances
Lead (Pb)
mercury (Hg)
Cadmium (Cd)
Hexavalent
chromiun (Cr6+)
Polybrominated
biphenyls (PBB)
Polybrominated
diphenyl ethers
(PBDE)
Infrared Emitting Diode
✓
✓
✓
✓✓✓



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com