Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL100MN3MP1 Datasheet(PDF) 5 Page - Sharp Corporation

Part # GL100MN3MP1
Description  Surface Mount Type, High Power
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL100MN3MP1 Datasheet(HTML) 5 Page - Sharp Corporation

  GL100MN3MP1 Datasheet HTML 1Page - Sharp Corporation GL100MN3MP1 Datasheet HTML 2Page - Sharp Corporation GL100MN3MP1 Datasheet HTML 3Page - Sharp Corporation GL100MN3MP1 Datasheet HTML 4Page - Sharp Corporation GL100MN3MP1 Datasheet HTML 5Page - Sharp Corporation GL100MN3MP1 Datasheet HTML 6Page - Sharp Corporation GL100MN3MP1 Datasheet HTML 7Page - Sharp Corporation GL100MN3MP1 Datasheet HTML 8Page - Sharp Corporation GL100MN3MP1 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Sheet No.: D1-A00801EN
5
GL100MN3MPx
■ Design Considerations
Design Guidelines
1.
Allow for natural degradation of the LED as a result of long continuous operation. This part will have 50% deg-
radation in output after 5 years of continuous use.
2.
This product is not designed to be electromagnetic- and ionized-particle-radiation resistant.
■ Manufacturing Guidelines
Soldering Instructions
1.
Sharp recommends soldering no more than once when using solder reflow methods.
2.
When using solder reflow methods, follow reflow soldering temperature profile shown in Fig. 4. Sharp recom-
mends checking the process to make sure these parameters are not exceeded; exceeding these parameters
can cause substrate bending or other mechanical stresses leading to debonding of the internal gold wires, or
other similar failure modes.
3.
If using an infrared lamp to preheat the parts, such heat sources may cause localized high temperatures in the
part's resin. Be sure to keep the temperature profile within the guidelines shown in Fig. 4.
4.
If hand soldering, use temperatures
≤260° for ≤3 seconds. Do not dip-solder or VPS-solder this part.
5.
Do not subject the package to excessive mechanical force during soldering as it may cause deformation or
defects in plated connections. Internal connections may be severed due to mechanical force placed on the pack-
age due to the PCB flexing during the soldering process.
Cleaning Instructions
1.
Confirm this device's resistance to process chemicals before use, as certain process chemicals may affect the
optical characteristics.
2.
Solvent cleaning: Solvent temperature should be 45°C or below. Immersion time should be 3 minutes or less.
3.
Ultrasonic cleaning: The effect upon devices varies due to cleaning bath size, ultrasonic power output, cleaning
time, PCB size and device mounting circumstances. Sharp recommends testing using actual production condi-
tions to confirm the harmlessness of the ultrasonic cleaning methods.
4.
Recommended solvent materials: Ethyl alcohol, Methyl alcohol, and Isopropyl alcohol.
Fig. 4 Reflow Soldering Temperature Profile
200°C
25°C
240°C MAX.
120 s MAX.
90 s MAX.
60 s MAX.
10 s MAX.
165°C MAX.
1 ~ 4°C/s
1 ~ 4°C/s
1 ~ 4°C/s



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com