Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC502 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC502
Description  Fan Management IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC502 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC502 Datasheet HTML 1Page - Micrel Semiconductor MIC502 Datasheet HTML 2Page - Micrel Semiconductor MIC502 Datasheet HTML 3Page - Micrel Semiconductor MIC502 Datasheet HTML 4Page - Micrel Semiconductor MIC502 Datasheet HTML 5Page - Micrel Semiconductor MIC502 Datasheet HTML 6Page - Micrel Semiconductor MIC502 Datasheet HTML 7Page - Micrel Semiconductor MIC502 Datasheet HTML 8Page - Micrel Semiconductor MIC502 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Micrel, Inc.
MIC502
November 2006
3
M9999-112206
Absolute Maximum Ratings
(1)
Supply Voltage (VDD)....................................................+14V
Output Sink Current (IOUT(sink)) .....................................10mA
Output Source Current (IOUT(source)) ..............................25mA
Input Voltage (any pin) .......................... –0.3V to VDD +0.3V
Junction Temperature (TJ) ....................................... +125°C
Lead Temperature (soldering, 5 sec.)........................ 260°C
Storage Temperature (TA).........................–65°C to +150°C
ESD Rating
(3)
Operating Ratings
(2)
Supply Voltage (VDD)....................................... +4V to 13.2V
Sleep Voltage (VSLP).......................................... GND to VDD
Temperature Range (TA)............................. –40°C to +85°C
Power Dissipation at 25°C
SOIC ..................................................................800mW
DIP.....................................................................740mW
Derating Factors
SOIC ..............................................................8.3mW/°C
Plastic DIP .....................................................7.7mW/°C
Electrical Characteristics
4.5V ≤ VDD ≤ 13.2V, Note 4; TA = 25°C, bold values indicate –40°C ≤ TA < +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
IDD
Supply Current, Operating
VSLP = GND, OTF, OUT = open,
CF = 0.1µF, VT1 = VT2 = 0.7 VDD
1.5
mA
IDD(slp)
Supply Current, Sleep
VT1 = GND, VSLP, OTF, OUT = open,
CF = 0.1µF
500
µA
Driver Output
tR
Output Rise Time, Note 5
IOH = 10mA
50
µs
tF
Output Fall Time, Note 5
IOL = 1mA
50
µs
IOL
Output Sink Current
VOL = 0.5V
0.9
mA
4.5V ≤ VDD ≤ 5.5V, VOH = 2.4V
10
mA
IOH
Output Source Current
10.8V ≤ VDD ≤ 13.2V, VOH = 3.2V
10
mA
IOS
Sleep-Mode Output Leakage
VOUT = 0V
1
µA
Thermistor and Sleep Inputs
VPWM(max)
100% PWM Duty Cycle Input
Voltage
67
70
73
%VDD
VPWM(span)
VPWM(max) – VPWM(min)
37
40
43
%VDD
VHYST
Sleep Comparator Hysteresis
8
11
14
%VDD
VIL
VT1 Shutdown Threshold
0.7
V
VIH
VT1 Startup Threshold
1.1
V
VOT
VT1 Overtemperature Fault
Threshold
Note 6
74
77
80
%VDD
IVT, IVSLP
VT1, VT2, VSLP Input Current
–2.5
1
µA
tRESET
Reset Setup Time
minimum time VT1 < VIL, to guarantee reset,
Note 5
30
µs
Oscillator
4.5V ≤ VDD ≤ 5.5V, CF = 0.1µF
24
27
30
Hz
f
Oscillator Frequency, Note 7
10.8V ≤ VDD ≤ 13.2V, CF = 0.1µF
27
30
33
Hz
fMIN, fMAX
Oscillator Frequency Range
Note 7
15
90
Hz
tSTARTUP
Startup Interval
64/f
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com