Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD8IC970N Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MD8IC970N
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MD8IC970N Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MD8IC970N Datasheet HTML 6Page - Freescale Semiconductor, Inc MD8IC970N Datasheet HTML 7Page - Freescale Semiconductor, Inc MD8IC970N Datasheet HTML 8Page - Freescale Semiconductor, Inc MD8IC970N Datasheet HTML 9Page - Freescale Semiconductor, Inc MD8IC970N Datasheet HTML 10Page - Freescale Semiconductor, Inc MD8IC970N Datasheet HTML 11Page - Freescale Semiconductor, Inc MD8IC970N Datasheet HTML 12Page - Freescale Semiconductor, Inc MD8IC970N Datasheet HTML 13Page - Freescale Semiconductor, Inc MD8IC970N Datasheet HTML 14Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MD8IC970NR1
13
RF Device Data
Freescale Semiconductor
PRODUCT DOCUMENTATION, SOFTWARE AND TOOLS
Refer to the following documents, tools and software to aid your design process.
Application Notes
• AN1955: Thermal Measurement Methodology of RF Power Amplifiers
• AN1977: Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family
• AN1987: Quiescent Current Control for the RF Integrated Circuit Device Family
Engineering Bulletins
• EB212: Using Data Sheet Impedances for RF LDMOS Devices
Software
• Electromigration MTTF Calculator
• RF High Power Model
• .s2p File
For Software and Tools, do a Part Number search at http://www.freescale.com, and select the “Part Number” link. Go to the
Software & Tools tab on the part’s Product Summary page to download the respective tool.
REVISION HISTORY
The following table summarizes revisions to this document.
Revision
Date
Description
0
Feb. 2011
• Initial Release of Data Sheet
1
Feb. 2011
• Corrected output power from 35 W CW to 35 W Avg. Two--Tone, Table 2, Thermal Characteristics, p. 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com