Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4043 Datasheet(PDF) 8 Page - MIC GROUP RECTIFIERS

Part # MIC4043
Description  Low-Voltage Secondary-Side Shunt Regulator Final Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4043 Datasheet(HTML) 8 Page - MIC GROUP RECTIFIERS

Back Button MIC4043 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4043 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4043 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4043 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4043 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4043 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4043 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4043 Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC4043 Datasheet HTML 12Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC4043
Micrel
MIC4043
8
November 2000
Off-Line 2.5V/2A Power Supply
R13
10
Ω 1%
C11
1200
µF
10V
R14
200
Ω
1%
VOUT
+2.5V/2A
D4
12CTQ045
L2
5
µH
C12
220
µF
10V
U2b
2501
U3
249
Ω
1000pF
MIC4043
R10
72k
1%
R11
33k
1%
U1
MIC38HC43BN
VDD
VREF
GND
COMP
VOUT
RT/CT
FB
ISNS
2
1
4
3
8
5
7
6
R2
332k
1%
R3
332k
1%
D1
1N4448
R4
34
Ω
1%
C5
0.1
µF
50/
63V
D2
18V
C7
470pF
63V
C6
470pF
63V
Q1
IRFIBE30G
L1
R5
1.21k 1%
R6
1.21k
1%
BR1
DBR1
C4
47
µF
400V
U2a
2501
F1
85 to 264Vac
50/60Hz
Hot
Neutral
Return
T1
1
2
7
6
4
3
1A
Ground
R8
1.9
Ω
1/4W
1%
R9
470
Ω
1/2W
D3
UF4005
C9
100pF
1kV
R1
1k 1%
R7
14k 1%
C3
2200pF
400V
C2
2200pF
400V
C1
0.1
µF
250V
C10
0.1
µF
50/63V
80T
3T
20mH
C8
22
µF
25V
10T
FB
GND
SNK
IN
V
1.245V
R2
R1
1
TRIP =+


Figure 4. Off-Line 2.5V/2A Power Supply
Figure 4a. 2.5V/1A Bode Plot
(θ margin = 83°)
Figure 4b. 2.5V/2A Bode Plot
(θ margin = 83°)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com